Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX099AL Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX099AL
Description  1/2-inch Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX099AL Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX099AL Datasheet HTML 5Page - Sony Corporation ICX099AL Datasheet HTML 6Page - Sony Corporation ICX099AL Datasheet HTML 7Page - Sony Corporation ICX099AL Datasheet HTML 8Page - Sony Corporation ICX099AL Datasheet HTML 9Page - Sony Corporation ICX099AL Datasheet HTML 10Page - Sony Corporation ICX099AL Datasheet HTML 11Page - Sony Corporation ICX099AL Datasheet HTML 12Page - Sony Corporation ICX099AL Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
– 9 –
ICX099AL
Image Sensor Characteristics Measurement Method
Readout modes
The diagram below shows the output methods for the following two readout modes.
7
6
5
4
3
2
1
VOUT
7
6
5
4
3
2
1
VOUT
Progressive scan mode
High-speed mode
Note) Blacked out portions in the diagram indicate pixels which are not read out.
1. Progressive scan mode
In this mode, all pixel signals are output in non-interlace format in 1/15s.
The vertical resolution is approximately 760TV-lines and all pixel signals within the same exposure period
are read out simultaneously, making this mode suitable for high resolution image capturing.
2. High-speed mode
The signals for all effective areas are output in approximately 1/30s by repeating readout pixels and non-
readout pixels every two lines. The vertical resolution is approximately 380TV-lines.
This readout mode emphasizes processing speed over vertical resolution.


Similar Part No. - ICX099AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX096AKE SONY-ICX096AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for NTSC Color Cameras
ICX097AKE SONY-ICX097AKE Datasheet
185Kb / 17P
   Diagonal 3mm (Type 1/6) CCD Image Sensor for PAL Color Cameras
ICX098 SONY-ICX098 Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098 SONY-ICX098 Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX099AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX085AL SONY-ICX085AL Datasheet
211Kb / 20P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com