Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB8832 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB8832
Description  N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8832 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDB8832_10 Datasheet HTML 1Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 2Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 3Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 4Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 5Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 6Page - Fairchild Semiconductor FDB8832_10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FDB8832_F085 Rev. A1
www.fairchildsemi.com
6
Figure 11.
-80
-40
0
40
80
120
160
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ, JUNCTION TEMPERATURE(oC)
VGS = VDS
ID = 250µA
Normalized Gate Threshold Voltage vs
Junction Temperature
Figure 12. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
-80
-40
0
40
80
120
160
200
0.90
0.95
1.00
1.05
1.10
TJ, JUNCTION TEMPERATURE (oC)
ID = 250µA
Figure 13.
0.1
1
10
100
1000
10000
Ciss
Coss
Crss
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
50
40000
Capacitance vs Drain to Source
Voltage
Figure 14.
0
50
100
150
200
250
0
2
4
6
8
10
VDD = 12V
VDD = 18V
VDD = 15V
ID = 80A
Qg, GATE CHARGE(nC)
Gate Charge vs Gate to Source Voltage
Typical Characteristics


Similar Part No. - FDB8832_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8832_F085 FAIRCHILD-FDB8832_F085 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
More results

Similar Description - FDB8832_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDC855N FAIRCHILD-FDC855N Datasheet
278Kb / 6P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com