Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS4559 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS4559
Description  60V Complementary PowerTrench?숸OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4559 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS4559_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS4559_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Characteristics: Q2
0
3
6
9
12
15
0
12345
-VDS, DRAIN-SOURCE VOLTAGE (V)
-6.0V
-5.0V
-4.5V
-3.5V
V
GS = -10V
-4.0V
-2.5V
-3.0V
0.8
1
1.2
1.4
1.6
1.8
02
468
10
-ID, DRAIN CURRENT (A)
V
GS = -3.5V
-5.0V
-6.0V
-7.0V
-8.0V
-10V
-4.5V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -3.5A
V
GS = -10V
0
0.1
0.2
0.3
0.4
24
68
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.5A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
123
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
T
A = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
FDS4559_F085 Rev A (W)


Similar Part No. - FDS4559_08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDS4559-NL VBSEMI-FDS4559-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
More results

Similar Description - FDS4559_08

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KDS8333C KEXIN-KDS8333C Datasheet
80Kb / 3P
   60V Complementary PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4559 FAIRCHILD-FDS4559 Datasheet
147Kb / 8P
   60V Complementary PowerTrench MOSFET
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com