Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFB20UP20DN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FFB20UP20DN
Description  10A, 200V Ultrafast Dual Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFB20UP20DN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FFB20UP20DN_10 Datasheet HTML 1Page - Fairchild Semiconductor FFB20UP20DN_10 Datasheet HTML 2Page - Fairchild Semiconductor FFB20UP20DN_10 Datasheet HTML 3Page - Fairchild Semiconductor FFB20UP20DN_10 Datasheet HTML 4Page - Fairchild Semiconductor FFB20UP20DN_10 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FFB20UP20DN
_F085 Rev. A
www.fairchildsemi.com
4
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs Drain to Source Voltage
Figure 9. Maximum Continuous Drain Current vs
Ambient Temperature
Figure 10. Forward Bias Safe Operating Area
Figure 11. Single Pulse Maximum Power Dissipation
Figure 12. Transient Thermal Response Curve
Typical Characteristics T
C = 25°C unless otherwise noted


Similar Part No. - FFB20UP20DN_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB20UP20DN FAIRCHILD-FFB20UP20DN Datasheet
942Kb / 5P
   10A, 200V Ultrafast Dual Rectifiers
logo
Thinki Semiconductor Co...
FFB20UP20DN THINKISEMI-FFB20UP20DN Datasheet
1Mb / 3P
   20Ampere,200Volt Surface Mount Dual Common Cathode Ultra Fast Recovery Epitaxial Diode
More results

Similar Description - FFB20UP20DN_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB20UP20DN FAIRCHILD-FFB20UP20DN Datasheet
942Kb / 5P
   10A, 200V Ultrafast Dual Rectifiers
logo
KODENSHI_AUK CORP.
SF10A200HPR KODENSHI-SF10A200HPR Datasheet
286Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A200HPI KODENSHI-SF10A200HPI Datasheet
278Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A200HPI-1 KODENSHI-SF10A200HPI-1 Datasheet
278Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A200HPR-1 KODENSHI-SF10A200HPR-1 Datasheet
286Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI KODENSHI-SF20A200HCI Datasheet
264Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI-1 KODENSHI-SF20A200HCI-1 Datasheet
258Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com