Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX205 Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX205
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX205 Datasheet(HTML) 1 Page - Sony Corporation

  ICX205 Datasheet HTML 1Page - Sony Corporation ICX205 Datasheet HTML 2Page - Sony Corporation ICX205 Datasheet HTML 3Page - Sony Corporation ICX205 Datasheet HTML 4Page - Sony Corporation ICX205 Datasheet HTML 5Page - Sony Corporation ICX205 Datasheet HTML 6Page - Sony Corporation ICX205 Datasheet HTML 7Page - Sony Corporation ICX205 Datasheet HTML 8Page - Sony Corporation ICX205 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The ICX205AL is a diagonal 8mm (Type 1/2)
interline CCD solid-state image sensor with a square
pixel array and 1.45M effective pixels. Progressive
scan
allows
all
pixels'
signals
to
be
output
independently within approximately 1/7.5 second.
Also, the adoption of high frame rate readout mode
supports 30 frames per second. This chip features
an electronic shutter with variable charge-storage
time which makes it possible to realize full-frame still
image without a mechanical shutter. High sensitivity
and low dark current are achieved through the
adoption of HAD (Hole-Accumulation Diode) sensors.
This chip is suitable for applications such as
electronic still cameras, PC input cameras, etc.
Features
• Progressive scan allows individual readout of the
image signals from all pixels.
• High horizontal and vertical resolution (both approx.
1024TV-lines) still image without a mechanical shutter.
• Supports high frame rate readout mode
(effective 256 lines output, 30 frame/s)
• Square pixel
• Horizontal drive frequency: 14.318MHz
• No voltage adjustments
(reset gate and substrate bias are not adjusted.)
• High resolution, high sensitivity, low dark current
• Low smear, excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 8mm (Type 1/2)
• Total number of pixels:
1434 (H)
× 1050 (V) approx. 1.50M pixels
• Number of effective pixels:
1392 (H)
× 1040 (V) approx. 1.45M pixels
• Number of active pixels:
1360 (H)
× 1024 (V) approx. 1.40M pixels (7.959mm diagonal)
• Chip size:
7.60mm (H)
× 6.20mm (V)
• Unit cell size:
4.65µm (H)
× 4.65µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 40 pixels
Vertical (V) direction:
Front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 20
Vertical 3
• Substrate material:
Silicon
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
– 1 –
E98619A99
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX205AL
20 pin DIP (Cer-DIP)
Pin 1
V
2
40
2
8
Pin 11
H
Optical black position
(Top View)


Similar Part No. - ICX205

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX205 SONY-ICX205 Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results

Similar Description - ICX205

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AL SONY-ICX074AL Datasheet
236Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com