Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB7P20TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQB7P20TM
Description  200v P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB7P20TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQB7P20TM Datasheet HTML 1Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 2Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 3Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 4Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 5Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 6Page - Fairchild Semiconductor FQB7P20TM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
          
        
   
!   "   
#    !   
         
!   ! 
   $ !

% & '()**+,-* ./Ω0+-1*+
% 2 3 1/4
% 23 )54
%  
% 1**6! 
% 7!!$ " 
  

    
   



+
 + 
)**
+
7

3-)584
& '
(
3-1**84
9 .
(
7

 
 
)/ )
(
+
: + 
±'*
+
;
  (! ;
 
5&*
<
7
(! 
 
& '
(
;
,!(! ;
 
/ *
<
!$
=, !!$
 
5 5
+$

3-)584>
' 1'
?
3-)584
/*
?
"!)58
* &)
?$8
 
,
55@15*
8

A  
1$B 5 
'**
8





,θ 
 , < 

1 '/
8?
 , < (">

9*
8?
 , < ("

.) 5
8?
       


 





















!
!
!
!
!
!
!
!
!
!
!
!




















!
!
!
!
!
!
!
!
!
!
!
!



November 2009
QFET
®
RoHS
Compliant
FQB7P20TM_F085
©2009 Fairchild Semiconductor Corporation
FQB7P20TM_F085 Rev.A
www.fairchildsemi.com
1
Qualified to AEC Q101
Ratings


Similar Part No. - FQB7P20TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB7P20TM_F085 FAIRCHILD-FQB7P20TM_F085 Datasheet
936Kb / 7P
   200V P-Channel MOSFET
More results

Similar Description - FQB7P20TM

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com