Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35H20B1 Datasheet(PDF) 10 Page - Texas Instruments

Part # F28M35H20B1
Description  Concerto Microcontrollers
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H20B1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button F28M35H20B1_12 Datasheet HTML 6Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 7Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 8Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 9Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 10Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 11Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 12Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 13Page - Texas Instruments F28M35H20B1_12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
SPRS742D – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
2
Device Overview
The Concerto™ microcontroller (MCU) comprises three subsystems: the Master Subsystem, the Control
Subsystem, and the Analog Subsystem. While the Master and Control Subsystem each have dedicated
local memories and peripherals, they can also share data and events through shared memories and
peripherals. The Analog Subsystem has two ADC converters and six Analog Comparators. Both the
Master and Control Subsystems access the Analog Subsystem through the Analog Common Interface
Bus (ACIB). The NMI Blocks force communication of critical events to the Master and Control Subsystem
processors and their Watchdog Timers. The Reset Block responds to Watchdog Timer NMI Reset,
External Reset, and other events to initialize subsystem processors and the rest of the chip to a known
state. The Clocking Blocks support multiple low-power modes where clocks to the processors and
peripherals can be slowed down or stopped in order to manage power consumption.
NOTE
Throughout this document, the Master Subsystem is denoted by the color "blue"; the Control
Subsystem is denoted by the color "green"; and the Analog Subsystem is denoted by the
color "orange".
10
Device Overview
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - F28M35H20B1_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H20B1_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com