Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35H22C1RFPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # F28M35H22C1RFPT
Description  Concerto Microcontrollers
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H22C1RFPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button F28M35H22C1RFPT Datasheet HTML 4Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 5Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 6Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 7Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 8Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 9Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 10Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 11Page - Texas Instruments F28M35H22C1RFPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
SPRS742D – JUNE 2011 – REVISED AUGUST 2012
www.ti.com
LOCATION
ADDITIONS, DELETIONS, AND MODIFICATIONS
Section 3.2
Terminal Functions:
Removed "Input Clock Configurations" figure. This figure is being replaced by the new "Connecting
Input Clocks to a Concerto Device" figure (Figure 2-7).
Table 3-1
Terminal Functions:
Made extensive updates to Terminal Functions table
Added footnote about pullup and pulldown
Added footnote about GPIO135
Added footnote about muxing option availability
Section 4.1
Absolute Maximum Ratings:
Added Free-Air temperature, TA
Section 4.2
Recommended Operating Conditions:
Added Free-Air temperature, TA
Updated Junction temperature, TJ
Removed footnote about ambient temperature
Section 5
Added "Electrical Specifications" section
Section 5
Electrical Specifications:
Moved "Current Consumption" section from "Peripheral Information and Timings" section to "Electrical
Specifications" section
Moved "Power Sequencing" section from "Peripheral Information and Timings" section to "Electrical
Specifications" section
Table 5-1
Changed table title from "F28M35Hx Current Consumption at 150-MHz C28x SYSCLKOUT and 75-MHz
M3SSCLK" to "Current Consumption at 150-MHz C28x SYSCLKOUT and 75-MHz M3SSCLK"
Table 5-1
Updated "Current Consumption at 150-MHz C28x SYSCLKOUT and 75-MHz M3SSCLK" table and
footnotes
Section 5.2
Added "Thermal Design Considerations" section
Section 5.3
Added "Timing Parameter Symbology" section
Section 5.4
Added "Clock Frequencies, Requirements, and Characteristics" section
Section 5.5
Updated "Power Sequencing" section
Section 5.5.1
Added "Changing the Frequency of the Main PLL" section
Table 5-14
Updated "Power Management and Supervisory Circuit Solutions" table
Section 6.1
Updated "Analog and Shared Peripherals" section
Figure 6-1
Updated "ADC" figure
Section 6.1.1.3
Updated "Analog Inputs" section
Section 6.1.2
Updated "Comparator + DAC Units" section
Figure 6-2
Updated "Comparator + DAC Units" figure
Section 6.1.3
Updated "Inter-Processor Communications (IPC)" section
Figure 6-3
Updated "Interprocessor Communications (IPC)" figure
Section 6.1.4
Updated "External Peripheral Interface (EPI)" section
Section 6.2
Master Subsystem Peripherals:
Updated "Master Subsystem peripherals are located on the APB Bus and AHB Bus ..." paragraph
Section 6.2.1
Added "Synchronous Serial Interface (SSI)" section
Section 6.2.2
Added "Universal Asynchronous Receiver/Transmitter (UART)" section
Section 6.2.3
Added "Cortex™-M3 Inter-Integrated Circut (I2C)" section
Section 6.2.4
Added "Cortex™-M3 Controller Area Network (CAN)" section
Section 6.2.5
Added "Cortex™-M3 Universal Serial Bus (USB) Controller" section
Section 6.2.6
Added "Cortex™-M3 Ethernet Media Access Controller (EMAC)" section
Section 6.3
Control Subsystem Peripherals:
Updated "Control Subsystem peripherals are accessible from the C28x CPU ..." paragraph
Section 6.3.1
Changed section title from "Pulse Width Modulator (PWM) and High-Resolution PWM (HRPWM) Modules"
to "High-Resolution PWM (HRPWM) and Enhanced PWM (ePWM) Modules"
Section 6.3.1
High-Resolution PWM (HRPWM) and Enhanced PWM (ePWM) Modules:
Updated "There are 9 SOCA PWM outputs and 9 SOCB PWM outputs ..." paragraph
8
Contents
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - F28M35H22C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35H22C1RFPT TI1-F28M35H22C1RFPT Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M35H22C1RFPT TI-F28M35H22C1RFPT Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35H22C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com