Electronic Components Datasheet Search |
|
0251004.NRT1L Datasheet(PDF) 4 Page - Littelfuse |
|
0251004.NRT1L Datasheet(HTML) 4 Page - Littelfuse |
4 / 4 page © 2012 Littelfuse, Inc. Specifications are subject to change without notice. Axial Lead & Cartridge Fuses 251/253 Series Please refer to www.littelfuse.com/series/251.html or /253.html for current information. PICO® ll > Very Fast-Acting > 251/253 Series Materials Body: Solderability Lead Pull Force Fuses To MIL SPEC QPL for MIL-PRF-23419. To order, change 251 to 253 Product Characteristics Operating Temperature Shock Condition I (100 G’s peak for 6 msecs.) Vibration Moisture Resistance Resistance to Soldering Heat OC and up to 260ºC, maximum Flammability Rating UL 94V–0 Dimensions Packaging Part Numbering System Packaging Option Packaging Specification Quantity & Packaging Code EIA 296 above in "Part Numbering System” EIA 296 0251 xxxx N R T1 L Lead Length Type of Packaging Quantity Current Rating Series The default lead length for Ammo pack and Loose pack is now T1 for 251 series, and remains T3 for 253 series, therefore: T1 = 52.4mm (2.062”), 251 series only* Blank = 52.4mm (2.062”) for 251 series* or 73mm (2.874”) for 253 series** R = Reel A = Ammo Pack X = Loose Pack N = 5000 P = 2000 M = 1000 H = 100 Refer to Amp Code column of Electrical Specifications Table 251 = Standard type 253 = Military type Option Codes L = RoHS + HF T1 length is for 251 series only. T3 length is for 253 series only. Wire Diameter: 0.64 (.025") for 0.62-10.0 amp, 0.81 (.032") for 15 amp Wire Diameter: 0.64 (.025") for 0.62-10.0 amp, 0.81 (.032") for 12-15 amp 2.61 (.103") MAX 6.35 (.25") tape 5.0 (.197") 6.35 (.25") tape 38.1 (1.5") 38.1 (1.5") 7.11 (.280") 83.31 (3.28") 253 Series (RoHS Version) Markings (T3 lead length) L 1 A L 1 A 73.0 (2.874")** L 1 A F L 1 A 27.78 (1.094") 27.78 (1.094") 7.11 (.280") 62.7 (2.468") 52.4 (2.062")* 2.80 (.11") MAX 6.35 (.25") tape 5.0 (.197") 6.35 (.25") tape 251 Series (RoHS and Halogen-free Version) Markings (T1 lead length) Wire Diameter: 0.64 (.025") for 0.62-10.0 amp, 0.81 (.032") for 12-15 amp F L 1 A F L 1 A 27.78 (1.094") 27.78 (1.094") 7.11 (.280") 62.7 (2.468") 52.4 (2.062")* 2.80 (.11") MAX 6.35 (.25") tape 5.0 (.197") 6.35 (.25") tape 251 Series (RoHS Version) Markings (T1 lead length) F F F |
Similar Part No. - 0251004.NRT1L |
|
Similar Description - 0251004.NRT1L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |