Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

276-27-21 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # 276-27-21
Description  C-PRESS EDGE CARD ASSENBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

276-27-21 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  276-27-21 Datasheet HTML 1Page - Winchester Electronics Corporation 276-27-21 Datasheet HTML 2Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 DIGIT DEVIATION NUMBER
IN THE MATING AREA WITH PURE TIN
ORDERING INFORMATION
INSULATOR
TAIL LENGTH
"G"
OVER NICKEL IN THE
CONTACT QTY
POSITION
CONTACT
LATE MAKE
MATERIAL: POLYESTER THERMOPLASTIC GLASS FILLED
CONTACT QTY
NOTES: UNLESS OTHERWISE SPECIFIED
COLOR: BLACK
1 MARK WINCHESTER CATALOG No. AND DATE CODE LOCATED APPROXIMATLY AS SHOWN.
PLATING:
2 4857 DEVIATION IS THE SAME AS THE STANDARD PRODUCT EXCEPT THE CARD SLOT LENGTH
SHORTENING
CATALOG No.
POSITION
.634 [16.10]
3
CONTACT
LOADED IN POSITIONS 19, 20, 26, 27, 46, 53, 54 AND .425 TAIL LENGTH.
5218 DEVIATION IS THE SAME AS CATALOG No. 276-27-19 EXCEPT WITH SHORTING CONTACTS
5
EARLY MAKE
IS INCREASED .080 (.040 EACH END) AND .425 TAIL LENGTH.
28 THRU 54
27
MATERIAL: BERYLLIUM COPPER ALLOY #172
PLATING: SEE ORDERING INFORMATION
1
2
3
4
5
276
**
_ _
_
____
STEP 1: SERIES CODE
276
STEP 2: NUMBER OF CONTACT PAIRS
SEE LOADING CHART
27
1 THRU 27
--
NONE
276-27-06
.634 [16.10]
27
28 THRU 54
27
1 THRU 27
CONTACT, EARLY MAKE
MATERIAL: COPPER NICKEL TIN ALLOY #725
COMPLIANT AND WIRE WRAP AREAS
ASSIGNED FOR VARIATIONS
WIRE WRAP AREAS
ROHS COMPLIANT WITHOUT EXEMPTION
PLATING: SEE ORDERING INFORMATION
CONTACT, LATE MAKE
MATERIAL: COPPER NICKEL TIN ALLOY #725
PLATING: SEE ORDERING INFORMATION
STRIP (FOR .634 LENGHT ONLY)
MATERIAL: MYLAR TYPE D
COLOR: CLEAR
CONTACT, SHORTING
CONTACT STYLE CODE
SEE LOADING CHART
--
NONE
792 = 30 MICROINCHES GOLD OVER NICKEL
276-27-06-792
4874 DEVIATION IS THE SAME AS THE STANDARD PRODUCT EXCEPT THE CARD SLOT LENGTH
CONTACT QTY
4
CONTACT POSITION
75 MICROINCHES GOLD IN THE MATING AREA.
4989 DEVIATION IS THE SAME AS THE STANDARD PRODUCT EXCEPT THE PLATING IS
IS INCREASED .040 (.020 EACH END)
BLANK = 30 MICROINCHES GOLD OVER NICKEL
IN THE MATING AREA WITH SEMI BRIGHT TIN
OVER NICKEL IN THE COMPLIANT AND
276-27-19-5218
5
19,20, 26, 27, 46, 47,
53, 54
8
1 THRU 18
21 THRU 25
28 THRU 45
48 THRU 52
46
--
--
.425 [6.35]
276-50-47-4989
3
NONE
--
1 THRU 100
100
NONE
--
.425 [6.35]
276-50-47
NONE
--
1 THRU 100
100
NONE
--
.425 [6.35]
276-25-46-4989
3
NONE
--
1 THRU 50
50
NONE
--
.425 [6.35]
276-25-46
NONE
--
1 THRU 50
50
NONE
--
.425 [6.35]
276-27-19-4874
4
NONE
--
1 THRU 54
54
--
--
.425 [6.35]
276-27-20-4857
2
NONE
--
1 THRU 27
27
28 THRU 54
27
.425 [6.35]
276-50-05
NONE
--
1 THRU 100
100
NONE
---
.230 [5.84]
276-27-38
1 THRU 8
10 THRU 18
20, 21, 24, 25
28 THRU 35
37 THRU 45
47, 48, 51, 52
42
9,19,22,23,26,27
6
34,46,
49,50,53,54
6
.634 [16.10]
276-27-37
3 THRU 10
14 THRU 21
30 THRU 37
41 THRU 48
32
1, 2, 11, 12, 13,
22 THRU 27
11
28,29, 38, 39, 40
49 THRU 54
11
.634 [16.10]
276-27-36
2 THRU 9
11 THRU 24
29 THRU 36
38 THRU 51
44
1, 10, 25, 26,27
5
28, 37, 52, 53,
54
5
.634 [16.10]
276-27-35
12, 39
2
1 THRU 11
13 THRU 27
26
28 THRU 34
40 THRU 54
26
.634 [16.10]
276-50-31
NONE
--
1 THRU 100
100
--
--
.634 [16.10]
276-25-30
NONE
--
1 THRU 50
50
--
--
.634 [16.10]
276-30-29
29, 59
2
31 THRU 58 AND
60
29
1 THRU 28 AND
30
29
.634 [16.10]
276-30-26
5, 6, 12,13,18,19,23
24,28,29,35,36,42,43
48,49,53,54,58,59
20
31 THRU 34
37 THRU 41
44 THRU 47
50 THRU 52
55 THRU 57 AND
60
20
1 THRU 4
7 THRU 11
14 THRU 17
20 THRU 22
25 THRU 27 AND
30
20
.634 [16.10]
276-27-25
2, 6, 7, 29, 33, 34
6
1 & 3 THRU 5
8 THRU 27
24
28 AND 30 THRU
32
40 THRU 54
24
.634 [16.10]
276-25-24
NONE
--
NONE
--
1 THRU 50
50
.634 [16.10]
276-25-23
2, 7, 27, 32
4
NONE
--
1 AND 3 THRU 6
8 THRU 25
26 AND 28 THRU
38
33 THRU 50
46
.634 [16.10]
276-27-22
8 THRU 10 AND 12
35 THRU 37 AND 39
8
1 THRU 7 AND 11
13 THRU 27
23
28 THRU 34 AND
38
40 THRU 54
23
.634 [16.10]
276-27-21
1 THRU 5
7 THRU 11 AND 13
18 THRU 22
28 THRU 32
34 THRU 38 and 40
45 THRU 49
32
6, 12
14 THRU 17
23 THRU 27
11
33, 39
41 THRU 44
50 THRU 54
11
.634 [16.10]
276-27-20
NONE
--
1 THRU 27
27
28 THRU 54
27
.425 [6.35]
276-27-19
NONE
--
1 THRU 54
54
--
--
.230 [5.84]
276-30-17
4 THRU 7
34 THRU 37
8
31 THRU 33
38 THRU 60
26
1 THRU 3
8 THRU 30
26
.634 [16.10]
276-30-16
1 THRU 9
31 THRU 37
18
40 THRU 60
21
10 THRU 30
21
.634 [16.10]
276-30-15
19, 20, 69, 50
4
31 THRU 48
51 THRU 60
28
1 THRU 18
21 THRU 30
28
.634 [16.10]
276-30-14
NONE
--
31 THRU 60
30
1 THRU 30
30
.634 [16.10]
276-27-12
5, 11, 12, 15, 19, 20,
23, 24, 26, 32, 38, 39,
42, 46, 47, 50, 51, 53
18
1 THRU 4
6 THRU 10
13, 14
16 THRU 18
21, 22, 25, 27
18
28THRU 31
33 THRU 37
40, 41
43 THRU 45
48, 49, 52, 54
18
.634 [16.10]
276-27-11
22, 24, 25, 26, 27,
49,51,52,53,54
10
1 THRU 21 AND
23
22
28 THRU 48 AND
50
22
.634 [16.10]
276-27-10
1,7, 18, 23, 28, 34, 45,
50
8
2 THRU 6
8 THRU 17
19 THRU 22
24 THRU 27
23
29 THRU 33
35 THRU 44
46 THRU 49
51 THRU 54
23
.634 [16.10]
276-27-09
18, 22,45, 49
4
1 THRU 17
19 THRU 21
23 THRU 27
25
28 THRU 44
46 THRU 48
50 THRU 54
25
.425
276-27-07
18, 22,45, 49
4
1 THRU 17
19 THRU 21
23 THRU 27
25
28 THRU 44
46 THRU 48
50 THRU 54
25
.634 [16.10]
276-50-_ _
6.525 (165.74)
6.485 (164.72)
49
6.125 (155.58)
6.355 (161.42
276-30-_ _
4.025 (102.24)
3.985 (101.22)
29
3.625 (92.08)
3.855 (97.92)
276-27-_ _
3.650 (92.710
3.610 (91.69)
26
3.250 (82.55)
3.480 (88.39
276-25-_ _
3.400 (86.36)
3.360 (85.34)
24
3.000 (76.20)
3.230 (82.04)
CATALOG No.
A
B
C
(D)
E
SHT
2
REV
DRAWN
DATE
DIST CODE
APPROVED
DATE
APPROVED
DATE
XXX
XX/XX/XX
APPROVED
DATE
HK
02/10/85
24510
B
.125 X .125 GRID
REV
1
Wallingford, Connecticut 06492
lec ronics
t
J
WinchesterE
Winchester Electronics Corporation
62 Barnes Industrial Road North
OF
ANGLES: ± 2°
SCALE: 1:1
CUSTOMER
DATE
BY
ER7294
DESCRIPTION
J
REV
DATE
APPROVED
XX/XX/XX
XXX
DATE
APPROVED
02/10/85
HK
DATE
APPROVED
12/10/84
JOE R.
DATE
APPD
REVISED PER
DRAWN
DRAWING
PER ASME Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES:
DECIMAL: .XX [X.X] ± .01 [0.3]
.XXX [X.XX] ± .005 [0.13]
.XXXX [X.XXX] ± .XXXX


Similar Part No. - 276-27-21

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
276-12.0M-SR-05GP OSCILENT-276-12.0M-SR-05GP Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GR OSCILENT-276-12.0M-SR-05GR Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GS OSCILENT-276-12.0M-SR-05GS Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GT OSCILENT-276-12.0M-SR-05GT Datasheet
127Kb / 2P
   SMD Quartz Crystal
276-12.0M-SR-05GW OSCILENT-276-12.0M-SR-05GW Datasheet
127Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - 276-27-21

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
29265 WINCHESTER-29265 Datasheet
222Kb / 2P
   POWER CLIP (C-PRESS)
10365 WINCHESTER-10365 Datasheet
261Kb / 1P
   78 SERIES C PRESS HEADER
14207 WINCHESTER-14207 Datasheet
97Kb / 1P
   POWER TERMINAL C-PRESS 6 PIN
14208 WINCHESTER-14208 Datasheet
93Kb / 1P
   POWER TERMINAL C-PRESS 6 PIN
24546 WINCHESTER-24546 Datasheet
296Kb / 1P
   C-PRESS STRIP HEADER OUT LINE
1841250R1H5556 WINCHESTER-1841250R1H5556 Datasheet
89Kb / 1P
   RECEPTACLE C-TEL SHIELD .085 X .160 GRID C PRESS CONNECTOR
1841250P1H5556 WINCHESTER-1841250P1H5556 Datasheet
86Kb / 1P
   PLUG C-TEL, SHIELD .085 X .160 GRID C PRESS CONNECTOR
14201 WINCHESTER-14201 Datasheet
71Kb / 1P
   POWER TERMINAL C-PRESS 6-PIN M3 THREAD
logo
Pasternack Enterprises,...
PE38487 PASTERNACK-PE38487 Datasheet
222Kb / 1P
   CABLE ASSENBLY, RG213/U, QN MALE RIGHT ANGLE TO QN MALE
logo
Winchester Electronics ...
27432 WINCHESTER-27432 Datasheet
114Kb / 1P
   D-SUB SHIELDED SOCKET CONNECTOR WITH C- PRESS SOCKET CONTACTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com