Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35H52B1RFPS Datasheet(PDF) 1 Page - Texas Instruments

Part # F28M35H52B1RFPS
Description  Concerto Microcontrollers
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H52B1RFPS Datasheet(HTML) 1 Page - Texas Instruments

  F28M35H52B1RFPS Datasheet HTML 1Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 2Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 3Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 4Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 5Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 6Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 7Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 8Page - Texas Instruments F28M35H52B1RFPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742D – JUNE 2011 – REVISED AUGUST 2012
Concerto Microcontrollers
1
F28M35x ( Concerto™) MCUs
1.1
Features
12345
• Master Subsystem — ARM® Cortex™-M3
• Control Subsystem — TMS320C28x™ 32-Bit
CPU
– 100 MHz
– 150 MHz
– Embedded Memory
– Embedded Memory
Up to 512KB Flash (ECC)
Up to 512KB Flash (ECC)
Up to 32KB RAM (ECC or Parity)
Up to 36KB RAM (ECC or Parity)
Up to 64KB Shared RAM
Up to 64KB Shared RAM
2KB IPC Message RAM
2KB IPC Message RAM
– 5 Universal Asynchronous
Receiver/Transmitters (UARTs)
– IEEE-754 Single-Precision Floating-Point
Unit (FPU)
– 4 Synchronous Serial Interfaces (SSIs)/
Serial Peripheral Interface (SPI)
– Viterbi, Complex Math, CRC Unit (VCU)
– 2 Inter-integrated Circuits (I2Cs)
– Serial Communications Interface (SCI)
– Universal Serial Bus On-the-Go (USB-OTG) +
– Serial Peripheral Interface (SPI)
PHY
– Inter-integrated Circuit (I2C)
– 10/100 ENET 1588 MII
– 6-Channel Direct Memory Access (DMA)
– 2 Controller Area Networks (CANs)
– 9 Enhanced Pulse Width Modulator (ePWM)
– 32-Channel Direct Memory Access (µDMA)
Modules
– Dual Security Zones (128-Bit Password per
18 Outputs (16 High-Resolution)
Zone)
– 6 32-Bit Enhanced Capture (eCAP) Modules
– External Peripheral Interface (EPI)
– 3 32-Bit Enhanced Quadrature Encoder
– Micro Cyclic Redundancy Check (µCRC)
(eQEP) Modules
Module
– Multichannel Buffered Serial Port (McBSP)
– 4 General-Purpose Timers
– External Peripheral Interface (EPI)
– 2 Watchdog Timer Modules
– One Security Zone (128-Bit Password)
– Endianness: Little Endian
– 3 32-Bit Timers
• Clocking
– Endianness: Little Endian
– On-chip Crystal Oscillator/External Clock
Input
• Analog Subsystem
– Dynamic PLL Ratio Changes Supported
– Dual 12-Bit Analog-to-Digital Converters
• 1.2-V Digital, 1.8-V Analog, 3.3-V I/O Design
(ADCs)
– Up to 2.88 MSPS
• Interprocessor Communications (IPC)
– Up to 20 Channels
– 32 Handshaking Channels
– 4 Sample-and-Hold (S/H) Circuits
– 4 Channels Generate IPC Interrupts
– Up to 6 Comparators With 10-Bit Digital-to-
– Can be Used to Coordinate Transfer of Data
Analog Converter (DAC)
Through IPC Message RAMs
• Package
• Up to 74 Individually Programmable,
– 144-Pin RFP PowerPAD™ Thermally
Multiplexed GPIO Pins
Enhanced Thin Quad Flatpack (HTQFP)
– Glitch-free I/Os
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Concerto, TMS320C28x, PowerPAD, C28x, C2000, Piccolo, Delfino, XDS are trademarks of Texas Instruments.
3
Cortex is a trademark of ARM Limited.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright © 2011–2012, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Similar Part No. - F28M35H52B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H52B1RFPS TI1-F28M35H52B1RFPS Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H52B1RFPS TI1-F28M35H52B1RFPS Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H52B1RFPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com