Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19193-0149 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 19193-0149
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19193-0149 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  19193-0149 Datasheet HTML 1Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 2Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 3Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 4Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 5Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 6Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 7Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 8Page - Molex Electronics Ltd. 19193-0149 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 2 of 9
Revision: K
Revision Date: 05-06-08
Wire Size: 8 8.50mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19067-0037
D-956-08
.375
9.53
.350
8.89
19067-0039
D-956-10
.375
9.53
.350
8.89
19067-0041
D-956-14
.375
9.53
.350
8.89
19067-0128
D-951-76
.375
9.53
.350
8.89
19067-0129
D-952-58
.375
9.53
.350
8.89
19071-0134
D-650-08X
.315
8.00
.385
9.78
19071-0136
D-650-10X
.315
8.00
.385
9.78
19071-0140
D-650-14X
.315
8.00
.385
9.78
19071-0144
D-650-56X
.315
8.00
.385
9.78
19071-0146
D-651-10X
.315
8.00
.385
9.78
19071-0148
D-651-14X
.315
8.00
.385
9.78
19071-0153
D-651-56X
.315
8.00
.385
9.78
19071-0162
D-652-38X
.315
8.00
.385
9.78
19071-0164
D-652-58X
.315
8.00
.385
9.78
19071-0166
D-652-76X
.315
8.00
.385
9.78
19071-0173
D-653-58X
.315
8.00
.385
9.78
19071-0176
D-656-06X
.315
8.00
.385
9.78
19071-0178
D-656-08X
.315
8.00
.385
9.78
19071-0180
D-656-10X
.315
8.00
.385
9.78
19071-0182
D-656-14X
.315
8.00
.385
9.78
19071-0334
D-652-12X
.315
8.00
.385
9.78
19154-0041
D-654X
.432 10.97 .385
9.78
19154-0044
DC-654X
.420 10.66 .380
9.65
19154-0047
ED-662X
.500 12.70 .435 11.05
19164-0079
SD-8
.387
9.83
.370
9.40
19164-0080
SD-656-10
.300
7.60
.375
9.54
19164-0081
SD-651-14
.300
7.60
.375
9.54
19164-0082
SD-652-38
.300
7.60
.375
9.54
19164-0083
SD-651-56
.300
7.60
.375
9.54
19164-0457
SD-652-12
.300
7.60
.375
9.54
19164-0458
SD-253-58
.300
7.60
.375
9.54
19164-0459
SD-253-34
.300
7.60
.375
9.54
19164-0833
SDC-354
.300
7.60
.375
9.54
19193-0146
D-350-08X
.315
8.00
N/A
N/A
19193-0149
D-350-10
.315
8.00
N/A
N/A
19193-0157
D-350-56
.315
8.00
N/A
N/A
19193-0159
D-351-10
.320
8.13
N/A
N/A
19193-0163
D-351-14
.320
8.13
N/A
N/A
19193-0184
D-352-38
.330
8.38
N/A
N/A
19193-0186
D-352-56
.330
8.38
N/A
N/A
19193-0187
D-352-76
.330
8.38
N/A
N/A
19193-0192
D-353-34
.330
8.38
N/A
N/A
19193-0195
D-353-58
.330
8.38
N/A
N/A
19193-0198
D-356-06
.358
9.08
N/A
N/A
19193-0204
D-356-14
.358
9.08
N/A
N/A
19205-0004
D-355
.408 10.36 N/A
N/A
19215-0034
D-354
.387
9.83
N/A
N/A
19215-0037
DC-354
.400 10.16 N/A
N/A
19215-0042
ED-362
.500 12.70 N/A
N/A
Wire Size: 6 16.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum.
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0050
E-757-10
.368
9.35
.345
8.76
19063-0052
E-757-14
.368
9.35
.345
8.76
19063-0062
E-758-12
.368
9.35
.345
8.76
19063-0066
E-758-58
.368
9.35
.345
8.76
19063-0069
E-760-08
.368
9.35
.345
8.76
19067-0045
E-957-10
.469 11.91 .428 10.87
19067-0047
E-957-14
.469 11.91 .428 10.87
19067-0052
E-957-38
.469 11.91 .428 10.87
19067-0055
E-957-56
.469 11.91 .428 10.87
19067-0059
E-957-76
.469 11.91 .428 10.87
19067-0061
E-958-12
.469 11.91 .428 10.87
19067-0063
E-958-38
.469 11.91 .428 10.87
19067-0065
E-958-76
.469 11.91 .428 10.87
19067-0067
E-960-08
.469 11.91 .428 10.87
19067-0069
E-960-10
.469 11.91 .428 10.87
19067-0071
E-960-14
.469 11.91 .428 10.87
19067-0073
E-960-56
.469 11.91 .428 10.87
19071-0188
E-657-10X
.469 11.91 .440 11.18
19071-0190
E-657-14X
.469 11.91 .440 11.18
19071-0193
E-657-38X
.469 11.91 .440 11.18
19071-0196
E-657-56X
.469 11.91 .440 11.18
19071-0201
E-658-12X
.469 11.91 .440 11.18
19071-0208
E-658-76X
.469 11.91 .440 11.18
19071-0218
E-660-08X
.469 11.91 .440 11.18
19071-0221
E-660-10X
.469 11.91 .440 11.18
19071-0225
E-660-14X
.469 11.91 .440 11.18
19071-0229
E-660-56X
.469 11.91 .440 11.18
19154-0047
ED-662X
.500
12.7
.435 11.05
19193-0209
E-357-10
.395
9.65
N/A
N/A
19193-0212
E-357-14
.395
9.65
N/A
N/A
19193-0229
E-358-14
.375
9.52
N/A
N/A
19193-0230
E-358-38
.375
9.52
N/A
N/A
19193-0233
E-358-58
.375
9.52
N/A
N/A
19193-0234
E-358-76
.375
9.52
N/A
N/A
19193-0238
E-359-34
.375
9.52
N/A
N/A
19193-0243
E-360-08
.392
9.96
N/A
N/A
19193-0251
E-360-56
.392
9.96
N/A
N/A
19202-0055
E-762
.493 12.51 .345
8.76
19205-0006
E-361
.477 12.12 N/A
N/A
19215-0040
E-362
.500 12.70 N/A
N/A
19215-0042
ED-362
.500 12.70 N/A
N/A
Wire Size: 4 25.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0078
F-766-10
.432 10.97 .432 10.97
19063-0079
F-766-12
.432 10.97 .432 10.97
19063-0080
F-766-14
.432 10.97 .432 10.97


Similar Part No. - 19193-0149

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19193-0118 MOLEX4-19193-0118 Datasheet
85Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
logo
MolexKits
19193-0128 MOLEXKITS-19193-0128 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
19193-0198 MOLEXKITS-19193-0198 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
More results

Similar Description - 19193-0149

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com