Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

023501.6HXEP Datasheet(PDF) 4 Page - Littelfuse

Part # 023501.6HXEP
Description  235 Series, 5 x 20 mm, Fast-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

023501.6HXEP Datasheet(HTML) 4 Page - Littelfuse

  023501.6HXEP Datasheet HTML 1Page - Littelfuse 023501.6HXEP Datasheet HTML 2Page - Littelfuse 023501.6HXEP Datasheet HTML 3Page - Littelfuse 023501.6HXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
296
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
235 Series
5×20 mm > Fast-Acting > 235 Series
Please refer to www.littelfuse.com/series/235.html for current information.
Dimensions
Packaging
0235000P
0235.400 XEP
0235.100 XEP
to
0.65
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0235006.XEP
0235.500 XEP
to
0.65*
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
ø0.8 mm dia lead
Part Numbering System
0235
M X E P
xxxx
Lead-free
Packaging Code
Quantity Code
Amp Code
Series
X
Filler
Option Code
E
M
1000
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Taping Width
235 Series
1000
MX
1000
MXE
EIA 296-E
1000
1000
MXB
100
HX
100
HXE


Similar Part No. - 023501.6HXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
023501.6H LITTELFUSE-023501.6H Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
023501.6H- LITTELFUSE-023501.6H- Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
023501.6H-ND LITTELFUSE-023501.6H-ND Datasheet
145Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 023501.6HXEP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0235.100HXE LITTELFUSE-0235.100HXE Datasheet
209Kb / 4P
   235 Series, 5 x 20 mm, Fast-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
0216.050HXP LITTELFUSE-0216.050HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
   217 Series, 5 x 20 mm, Fast-acting Fuse
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com