Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX068AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX068AL
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX068AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX068AL Datasheet HTML 1Page - Sony Corporation ICX068AL Datasheet HTML 2Page - Sony Corporation ICX068AL Datasheet HTML 3Page - Sony Corporation ICX068AL Datasheet HTML 4Page - Sony Corporation ICX068AL Datasheet HTML 5Page - Sony Corporation ICX068AL Datasheet HTML 6Page - Sony Corporation ICX068AL Datasheet HTML 7Page - Sony Corporation ICX068AL Datasheet HTML 8Page - Sony Corporation ICX068AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
– 3 –
ICX208AL
Bias Conditions
Clock Voltage Conditions
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGLH – VRGLL
VRGL – VRGLm
V
φSUB
14.55
–0.05
–0.2
–8.0
6.3
–0.25
–0.25
3.0
–0.05
3.0
21.0
15.0
0
0
–7.0
7.0
3.3
0
3.3
22.0
15.45
0.05
0.05
–6.5
8.05
0.1
0.1
0.3
0.3
0.3
0.3
5.25
0.05
5.5
0.4
0.5
23.5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Input through 0.1µF
capacitance
Low-level coupling
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
DC Characteristics
Item
Supply current
IDD
4.5
6.5
mA
Symbol
Min.
Typ.
Max.
Unit
Remarks
Item
Supply voltage
Protective transistor bias
Substrate clock
Reset gate clock
VDD
VL
φSUB
φRG
14.55
15.0
1
2
2
15.45
V
Symbol
Min.
Typ.
Max.
Unit
Remarks
1 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL
power supply for the V driver should be used.
2 Do not apply a DC bias to the substrate clock and reset gate clock pins, because a DC bias is generated
within the CCD.


Similar Part No. - ICX068AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
More results

Similar Description - ICX068AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX086AL SONY-ICX086AL Datasheet
213Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX206AL SONY-ICX206AL Datasheet
216Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX278AL SONY-ICX278AL Datasheet
190Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX226AL SONY-ICX226AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX228AL SONY-ICX228AL Datasheet
196Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX068AL SONY-ICX068AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for EIA B/W Video Cameras
ICX087AL SONY-ICX087AL Datasheet
214Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX069AL SONY-ICX069AL Datasheet
229Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX209AL SONY-ICX209AL Datasheet
220Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
ICX229AL SONY-ICX229AL Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for CCIR B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com