Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0233006.MXP Datasheet(PDF) 2 Page - Littelfuse

Part # 0233006.MXP
Description  233 Series, 5 x 20 mm, Medium-Acting Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0233006.MXP Datasheet(HTML) 2 Page - Littelfuse

  0233006.MXP Datasheet HTML 1Page - Littelfuse 0233006.MXP Datasheet HTML 2Page - Littelfuse 0233006.MXP Datasheet HTML 3Page - Littelfuse 0233006.MXP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
298
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
233 Series
5×20 mm > Medium-Acting > 233 Series
Please refer to www.littelfuse.com/series/233.html for current information.
Average Time Current Curves
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
100
° C
150
° C
60-180 seconds
Solder PotTemperature:
260
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
100
1000
10000
0.1
0.01
0.001
1
10
100
1000
CURRENT IN AMPERES


Similar Part No. - 0233006.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0233006.MXW LITTELFUSE-0233006.MXW Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0233006.MXW- LITTELFUSE-0233006.MXW- Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
0233006.MXW-ND LITTELFUSE-0233006.MXW-ND Datasheet
135Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
More results

Similar Description - 0233006.MXP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
233-234 LITTELFUSE-233-234 Datasheet
97Kb / 1P
   5 x 20 mm Medium Acting Fuse 233/234 Series
0232001 LITTELFUSE-0232001_1 Datasheet
394Kb / 4P
   5 x 20 mm Medium-Acting Fuse
0233001P LITTELFUSE-0233001P Datasheet
245Kb / 2P
   5 x 20 mm Medium-Acting Fuse
02341.25MXEP LITTELFUSE-02341.25MXEP Datasheet
143Kb / 3P
   234 Series, 5 x 20 mm, Medium-Acting Fuse
02321.25MXEP LITTELFUSE-02321.25MXEP Datasheet
189Kb / 4P
   232 Series, 5 x 20 mm, Medium-Acting Fuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050P LITTELFUSE-216050P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
217032 LITTELFUSE-217032 Datasheet
224Kb / 2P
   5 x 20 mm Fast-Acting Fuse
235100P LITTELFUSE-235100P Datasheet
191Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216050 LITTELFUSE-216050 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com