Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G56FHX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74AUP1G56FHX
Description  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G56FHX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AUP1G56FHX Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 9Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G56 • Rev. 1.0.2
6
AC Electrical Characteristics
Symbol
Parameter
VCC
Condition
TA=25°C
TA=-40 to 85°C
Unit
Min.
Typ.
Max.
Min.
Max.
tPZL, tPLZ
Propagation
Delay
0.80
CL=15 pF,
RU=RD=5 K
Ω
VI = 2 x (VCC)
(see Figure 9)
30
ns
1.10
≤ VCC ≤ 1.30
1.0
10.1
18.9
1.0
19.9
1.40
≤ VCC ≤ 1.60
1.0
6.6
11.4
1.0
12.2
1.65
≤ VCC ≤ 1.95
1.0
6.3
8.7
1.0
9.7
2.30
≤ VCC ≤ 2.70
1.0
4.7
6.9
1.0
7.5
3.00
≤ VCC ≤ 3.60
1.0
4.6
6.8
1.0
7.4
CIN
Input
Capacitance
0
0.8
pF
COUT
Output
Capacitance
0
1.7
pF
CPD
Power
Dissipation
Capacitance
0.80
VIN=0 V or VCC,
f=10 MHz
3.0
pF
1.10
≤ VCC ≤ 1.30
3.1
1.40
≤ VCC ≤ 1.60
3.2
1.65
≤ VCC ≤ 1.95
3.4
2.30
≤ VCC ≤ 2.70
3.8
3.00
≤ VCC ≤ 3.60
4.4


Similar Part No. - 74AUP1G56FHX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AUP1G56FHX ONSEMI-74AUP1G56FHX Datasheet
395Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.2
More results

Similar Description - 74AUP1G56FHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com