Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19193-0230 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 19193-0230
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19193-0230 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  19193-0230 Datasheet HTML 1Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 2Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 3Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 4Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 5Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 6Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 7Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 8Page - Molex Electronics Ltd. 19193-0230 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 4 of 9
Revision: K
Revision Date: 05-06-08
TERMINAL
JAWS OPEN
Figure 1
WIRE
Figure 2
WIRE
CONDUCTOR
PUNCH/ANVIL
TERMINAL
CONDUCTOR
PUNCH/ANVIL
BUTT
SPLICE
Figure 3
WIRE
CONDUCTOR
PUNCH/ANVIL
VISUALLY
CENTER
SPLICE
CONDUCTOR
PUNCH/ANVIL
MILITARY
Wire Size: 4 25.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0081
F-766-38
.447 11.35 .432 10.97
19063-0082
F-766-56
.447 11.35 .432 10.97
19063-0085
F-767-14
.438 11.13 .432 10.97
19193-0264
F-366-38
.470 11.94 N/A
N/A
19193-0267
F-366-56
.470 11.94 N/A
N/A
19193-0273
F-367-10
.470 11.94 N/A
N/A
19193-0275
F-367-14
.470 11.94 N/A
N/A
19193-0281
F-369-12
.470 11.94 N/A
N/A
MILITARY
Wire Size: 2 35.0mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19063-0093
G-774-12
.495 12.57 .512 13.00
19063-0100
G-775-14
.495 12.57 .512 13.00
19063-0101
G-775-38
.495 12.57 .512 13.00
19193-0302
G-374-76
.505 12.83 N/A
N/A
19193-0303
G-375-10
.505 12.83 N/A
N/A
19193-0305
G-375-14
.505 12.83 N/A
N/A
19193-0307
G-375-38
.505 12.83 N/A
N/A
19193-0309
G-375-56
.505 12.83 N/A
N/A
OPERATION
Open the tool by first closing the jaws sufficiently for the ratchet
mechanism to release.
Crimping Terminals
1. Insert the terminal in the proper nest (for insulated or bare terminals)
as marked on the tool with the barrel up and centered in the nest.
2. Partially close the tool to hold the terminal securely in place. See
Figure 1.
3. Insert the properly stripped wire into the terminal barrel. See Figure
2. Cycle the tool.
Note: The tamper-proof ratchet action will not release the tool until it has been fully closed.
4. Remove the crimp and inspect for proper crimp location. Molex offers a Crimp Inspection Handbook for closed
barrel industrial product. See our website or contact your sales engineer.


Similar Part No. - 19193-0230

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19193-0201 MOLEX4-19193-0201 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
19193-0218 MOLEX4-19193-0218 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results

Similar Description - 19193-0230

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com