Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX32 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX32
Description  Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX32_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX32_08 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX32 Rev. 1.6.0
6
AC Loading and Waveforms (Generic for LCX Family)
Figure 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output High Enable and
Disable Times for Logic
3-STATE Output Low Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
Figure 2. Waveforms (Input Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH, tPHZ
GND
Symbol
VCC
3.3V ± 0.3V
2.7V
2.5V ± 0.2V
Vmi
1.5V
1.5V
VCC / 2
Vmo
1.5V
1.5V
VCC / 2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH – 0.3V
VOH – 0.3V
VOH – 0.15V


Similar Part No. - 74LCX32_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32500 FAIRCHILD-74LCX32500 Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
74LCX32500G FAIRCHILD-74LCX32500G Datasheet
85Kb / 8P
   Low Voltage 36-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
More results

Similar Description - 74LCX32_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
   Low voltage CMOS 2-input OR gate with 5V tolerant inputs
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com