Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVTH2245SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74LVTH2245SJ
Description  Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25 B Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH2245SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74LVTH2245SJ_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH2245SJ_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT2245, 74LVTH2245 Rev. 1.5.0
5
Dynamic Switching Characteristics(6)
Notes:
6. Characterized in SOIC package. Guaranteed parameter, but not tested.
7. Max number of outputs defined as (n). n–1 data inputs are driven 0V to 3V. Output under test held LOW.
AC Electrical Characteristics
Note:
8. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance(9)
Note:
9. Capacitance is measured at frequency f
= 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
VOLP
Quiet Output Maximum
Dynamic VOL
3.3
(7)
0.8
V
VOLV
Quiet Output Minimum
Dynamic VOL
3.3
(7)
–0.8
V
Symbol
Parameter
TA = –40°C to +85°C,
CL = 50pF, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
Min.
Max.
Min.
Max.
tPLH
Propagation Delay Data to B Port Output
1.2
4.4
1.2
5.1
ns
tPHL
1.2
4.4
1.2
5.1
tPLH
Propagation Delay Data to A Port Output
1.2
3.6
1.2
4.0
ns
tPHL
1.2
3.5
1.2
4.0
tPZH
Output Enable Time for B Port Output
1.3
6.2
1.3
7.3
ns
tPZL
1.7
6.2
1.7
7.3
tPZH
Output Enable Time for A Port Output
1.3
5.5
1.3
7.1
ns
tPZL
1.7
5.7
1.7
6.7
tPHZ
Output Disable Time for B Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.4
2.0
5.7
tPHZ
Output Disable Time for A Port Output
2.0
5.9
2.0
6.5
ns
tPLZ
2.0
5.0
2.0
5.1
tOSHL, tOSLH A Port Output to Output Skew
(8)
1.0
1.0
ns
tOSHL, tOSLH B Port Output to Output Skew
(8)
1.0
1.0
ns
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = 0V, VI = 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Similar Part No. - 74LVTH2245SJ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVTH2245SJX FAIRCHILD-74LVTH2245SJX Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
More results

Similar Description - 74LVTH2245SJ_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVT2245 FAIRCHILD-74LVT2245 Datasheet
106Kb / 9P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25廓 Series Resistors in the B Port Outputs
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
74LVT245 ONSEMI-74LVT245 Datasheet
328Kb / 12P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
February 2008 Rev. 1.4.0
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com