Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX08MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LVX08MTC
Description  Low Voltage Quad 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX08MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVX08MTC_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX08MTC_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX08 Rev. 1.4.0
February 2008
74LVX08
Low Voltage Quad 2-Input AND Gate
Features
Input voltage level translation from 5V to 3V
Ideal for low power/low noise 3.3V applications
Guaranteed simultaneous switching noise level and
dynamic threshold performance
General Description
The LVX08 contains four 2-input AND gates. The inputs
tolerate voltages up to 7V allowing the interface of 5V
systems to 3V systems.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order
Number
Package
Number
Package Description
74LVX08M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LVX08SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVX08MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Similar Part No. - 74LVX08MTC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX08MTCX FAIRCHILD-74LVX08MTCX Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08MTCX ONSEMI-74LVX08MTCX Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08MTCX_NL FAIRCHILD-74LVX08MTCX_NL Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
More results

Similar Description - 74LVX08MTC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com