Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC00M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC00M
Description  Quad 2-Input NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC00M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC00M_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC00M_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC00 Rev. 1.3.0
February 2008
74VHC00
Quad 2-Input NAND Gate
Features
High Speed: tPD = 3.7ns (typ.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min.)
Power down protection is provided on all inputs
Low noise: VOLP = 0.8V (max)
Low power dissipation: ICC = 2µA (max.) at TA = 25°C
Pin and function compatible with 74HC00
General Description
The VHC00 is an advanced high-speed CMOS 2-Input
NAND Gate fabricated with silicon gate CMOS technol-
ogy. It achieves the high-speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. The internal circuit is com-
posed of 3 stages, including buffer output, which provide
high noise immunity and stable output. An input protec-
tion circuit insures that 0V to 7V can be applied to the
input pins without regard to the supply voltage. This
device can be used to interface 5V to 3V systems and
two supply systems such as battery backup. This circuit
prevents device destruction due to mismatched supply
and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC00SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC00N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74VHC00M_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC00MTC FAIRCHILD-74VHC00MTC Datasheet
75Kb / 7P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
74VHC00MTC ONSEMI-74VHC00MTC Datasheet
312Kb / 10P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
74VHC00MTCX FAIRCHILD-74VHC00MTCX Datasheet
75Kb / 7P
   Quad 2-Input NAND Gate
74VHC00MTCX_NL FAIRCHILD-74VHC00MTCX_NL Datasheet
75Kb / 7P
   Quad 2-Input NAND Gate
logo
STMicroelectronics
74VHC00MTR STMICROELECTRONICS-74VHC00MTR Datasheet
66Kb / 8P
   QUAD 2-INPUT NAND GATE
June 2001
More results

Similar Description - 74VHC00M_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com