Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC74MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC74MTC
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC74MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC74MTC_08 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC74MTC_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC74 Rev. 1.3.0
February 2008
74VHC74
Dual D-Type Flip-Flop with Preset and Clear
Features
High Speed: fMAX = 170MHz (typ.) at TA = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min.)
Power down protection is provided on all inputs
Low power dissipation: ICC = 2µA (max.) at TA = 25°C
Pin and function compatible with 74HC74
General Description
The VHC74 is an advanced high speed CMOS Dual
D-Type Flip-Flop fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar
to equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation. The signal level applied to
the D input is transferred to the Q output during the posi-
tive going transition of the CK pulse. CLR and PR are
independent of the CK and are accomplished by setting
the appropriate input LOW.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply
voltage. This device can be used to interface 5V to 3V
systems and two supply systems such as battery
backup. This circuit prevents device destruction due to
mismatched supply and input voltages.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74VHC74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150"
Narrow
74VHC74SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74VHC74N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74VHC74MTC_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX_NL FAIRCHILD-74VHC74MTCX_NL Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
More results

Similar Description - 74VHC74MTC_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com