Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121586-5136 Datasheet(PDF) 9 Page - ITT Industries

Part # 121586-5136
Description  Cannon APD Series ISO 15170 Connectors
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

121586-5136 Datasheet(HTML) 9 Page - ITT Industries

Back Button 121586-5136 Datasheet HTML 5Page - ITT Industries 121586-5136 Datasheet HTML 6Page - ITT Industries 121586-5136 Datasheet HTML 7Page - ITT Industries 121586-5136 Datasheet HTML 8Page - ITT Industries 121586-5136 Datasheet HTML 9Page - ITT Industries 121586-5136 Datasheet HTML 10Page - ITT Industries 121586-5136 Datasheet HTML 11Page - ITT Industries 121586-5136 Datasheet HTML 12Page - ITT Industries 121586-5136 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
9
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
High Power Flange Receptacle, 1-way
Order No.
Designation
Code
Color
121583-0014
APD-5APH
5
blue (RAL 5012)
121583-0015
APD-6APH
6
red (RAL 2002)
121583-0043
APD-7APH
7
black (RAL 9005)
Packaging unit 100 pcs.
Pin crimp contacts see pages 12, 13 and 14.
Accessories, see pages 15 and 16.
Note: Always use hex nut and cable seal.
High Power Flange Receptacle, 1-way
18,3
3,2
44,0
Coding, 1-way layouts
Code 5
blue
Note: the connectors offer both mechanical keying and visual coding by different colors.
Code 7
black
Code 6
red
View on Mating Face
Panel Cut Out
Flange for all Flange Receptacles
ø 23
,8+0
,2
R
23,90
B
B
ø3,28
23
30
Order Number: 066-8516-005
Metal mounting flange for wall mounting of flange receptacles.


Similar Part No. - 121586-5136

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121586-5100 ITT-121586-5100 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5101 ITT-121586-5101 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5102 ITT-121586-5102 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5103 ITT-121586-5103 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5104 ITT-121586-5104 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
More results

Similar Description - 121586-5136

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com