Selected language     English  ▼


74VHCT08AM_08 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74VHCT08AM_08
Description  Quad 2-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 3 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT08A Rev. 1.3.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
HIGH or LOW state, IOUT absolute maximum rating must be observed
–0.5V to VCC + 0.5V
VCC = 0V
–0.5V to +7.0V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current, VOUT < GND, VOUT > VCC (Outputs Active)
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC / GND Current
±50mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
4.5V to 5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
HIGH or LOW state, IOUT absolute maximum rating must be observed
0V to VCC
VCC = 0V
0V to +5.5V
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time, VCC = 5.0V ± 0.5V
0ns/V
∼ 20ns/V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl