Selected language     English  ▼


74VHCT08AMTC_08 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74VHCT08AMTC_08
Description  Quad 2-Input AND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
©1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHCT08A Rev. 1.3.0
4
DC Electrical Characteristics
Noise Characteristics
Note:
2. Parameter guaranteed by design.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level
4.5
2.0
2.0
V
Input Voltage
5.5
2.0
2.0
VIL
LOW Level
4.5
0.8
0.8
V
Input Voltage
5.5
0.8
0.8
VOH
HIGH Level
4.5
VIN = VIH
or VIL
IOH = –50µA
4.40
4.50
4.40
V
Output Voltage
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
4.5
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
2.0
20.0
µA
ICCT
Maximum ICC / Input
5.5
V IN = 3.4V, Other
Inputs
= V
CC or GND
1.35
1.50
mA
IOFF
Output Leakage
Current (Power
Down State)
0.0
VOUT = 5.5V
0.5
5.0
µA
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Units
Typ.
Limits
VOLP
(2)
Quiet Output Maximum
Dynamic VOL
5.0
CL = 50pF
0.4
0.8
V
VOLV
(2)
Quiet Output Minimum
Dynamic VOL
5.0
CL = 50pF
–0.4
–0.8
V
VIHD
(2)
Minimum HIGH Level
Dynamic Input Voltage
5.0
CL = 50pF
2.0
V
VILD
(2)
Maximum LOW Level
Dynamic Input Voltage
5.0
CL = 50pF
0.8
V




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl