Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5346S30X Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5346S30X
Description  Series Boost LED Driver with PWM Dimming Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5346S30X Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5346S30X Datasheet HTML 6Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 7Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 8Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 9Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 10Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 11Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 12Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 13Page - Fairchild Semiconductor FAN5346S30X Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5346 • Rev. 1.0.1
10
Circuit Description
Overview
The FAN5346 is an inductive current-mode boost serial
LED driver that achieves LED current regulation by
maintaining 0.250V across the RSET resistor. The current
through the LED string (ILED) is given by:
SET
LED
R
I
250
.
0
=
(1)
The voltage VOUT is determined by the sum of the forward
voltages across each LED, plus the voltage across RSET,
which is always 250mV.
Driving Eight LEDs in Series
FAN5346S30X can drive 8 LEDs in series, but the minimum
input voltage (VIN) must be greater than or equal to 2.9V,
while the forward voltage of the white LED should be less
than or equal to 3.2V, and the maximum LED current
cannot exceed 20mA to maintain stable operation.
UVLO and Soft-Start
If EN has been LOW for more than 1ms, the IC may
initiate a “cold start” soft-start cycle when EN rises,
provided VIN is above the UVLO threshold.
PWM Dimming
The FAN5346 uses a PWM signal to directly modulate
output current in the LED string to vary the perceived LED
brightness. When the EN pin is held HIGH, the FB voltage
is 250mV. This voltage is reduced when a PWM signal is
applied to the EN pin, thereby enabling the LEDs to be
dimmed. The FB voltage is given by the equation:
mV
DutyCycle
V
FB
250
×
=
(2)
where DutyCycle = the duty cycle of the PWM signal
and 250mV is the internal reference voltage.
Figure 28 illustrates how the FAN5346 divides the internal
250mV reference voltage at the duty cycle of the PWM
signal. A low-pass filter filters the PWM signal, which then
is input into the error amplifier as the reference voltage for
the FB pin.
Figure 28. Block Diagram of FB and EN Circuit for
PWM Dimming
Over-Current and Short-Circuit Detection
The boost regulator employs a cycle-by-cycle peak inductor
current limit of 300mA (typical) and 750mA (typical) for
FAN5346S20X and FAN5346S30X, respectively.
Over-Voltage / Open-Circuit Protection
If the LED string is an open circuit, FB remains at 0V and the
output voltage continues to increase in the absence of an over-
voltage protection (OVP) circuit. The FAN5346S20X OVP
circuit disables the boost regulator when VOUT exceeds 20V
and continues to keep the regulator off until VOUT drops below
19V. For FAN5346S30X, the OVP is 30V and it turns back on
when VOUT is below 29V
Thermal Shutdown
When the die temperature exceeds 150°C, a reset occurs and
remains in effect until the die cools to 115°C; at which time, the
circuit is allowed to begin the soft-start sequence.


Similar Part No. - FAN5346S30X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340MPX FAIRCHILD-FAN5340MPX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5340UCX FAIRCHILD-FAN5340UCX Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Similar Description - FAN5346S30X

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
   LED Boost Driver with PWM
May, 2014
logo
Microchip Technology
HV9989 MICROCHIP-HV9989 Datasheet
624Kb / 22P
   Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
03/25/14
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Texas Instruments
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com