Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19067-0097 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 19067-0097
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19067-0097 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  19067-0097 Datasheet HTML 1Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 2Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 3Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 4Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 5Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 6Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 7Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 8Page - Molex Electronics Ltd. 19067-0097 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 5 of 9
Revision: K
Revision Date: 05-06-08
LUBRICATION POINTS
(BOTH SIDES)
LIGHT OIL (EVERY 3 MONTHS
OR 5,000 CRIMPS)
Figure 5
5. When crimping butt splices, insert the wire into the butt
splice. Position the splice and the wire in proper nest
with conductor crimp on the conductor barrel of the
splice. The splice should be approximately centered
inside the tooling nests. See Figure 3. Cycle the tool.
6. When crimping parallel splices, Insert the 1st wire into
one end of splice then insert the 2nd wire into the
opposite end of the parallel splice. This procedure will
crimp both wires at the same time. Make sure the wires
are fully seated into the parallel splice. Position the
splice and the wires in proper nest with conductor crimp
on the conductor barrel of the splice. The splice should
be approximately centered inside the tooling nests. See Figure 4. Cycle the tool.
Note: Whenever crimping without the locator, make sure the seam of the terminal is oriented up or down in
the tool if using unbrazed product, as this will provide higher pull force values.
Maintenance
It is recommended that each operator of the tool be made aware of, and responsible for, the following
maintenance steps:
1. Remove dust, moisture and other contaminants with a clean brush, or soft, lint-free cloth.
2. Do not use any abrasive materials that could damage the tool.
3. Make certain all pins; pivot points and bearing surfaces are protected with a thin coat of high quality machine
oil. Do not oil excessively. This hand tool was engineered for durability, but like any fine piece of equipment,
it needs cleaning and lubrication for a maximum service life of trouble-free crimping. A light oil, such as 30
weight automotive oil used at the oil points shown in Figure 6, every 5,000 crimps or 3 months will
significantly enhance the tool life and ensure a stable calibration.
4. When tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping
dies, and store the tool in a clean, dry area.
Figure 4
1ST WIRE
CONDUCTOR
PUNCH/ANVIL
PARALLEL
SPLICE
2ND WIRE
VISUALLY
CENTER
SPLICE
CONDUCTOR
PUNCH/ANVIL


Similar Part No. - 19067-0097

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19067-0099 MOLEX4-19067-0099 Datasheet
74Kb / 2P
   3.50mm (.138
More results

Similar Description - 19067-0097

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com