Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLT Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # PLT
Description  NBFM Multi channel Data Packet Link Radios
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

PLT Datasheet(HTML) 4 Page - Radiometrix Ltd

  PLT Datasheet HTML 1Page - Radiometrix Ltd PLT Datasheet HTML 2Page - Radiometrix Ltd PLT Datasheet HTML 3Page - Radiometrix Ltd PLT Datasheet HTML 4Page - Radiometrix Ltd PLT Datasheet HTML 5Page - Radiometrix Ltd PLT Datasheet HTML 6Page - Radiometrix Ltd PLT Datasheet HTML 7Page - Radiometrix Ltd PLT Datasheet HTML 8Page - Radiometrix Ltd PLT Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Radiometrix Ltd
PLT/PLR Data Sheet
page 4
Figure 3: PLT footprint (top view)
Pin description – PLT
Pin
Name
Function
1a
Vcc
3.1 – 15V power supply (@ 10mW)
4.1 – 15V power supply (@ 100mW)
2a
0V
Ground
3a
TXE
Transmit Enable (active low)
4a
TXD
(link to 4b)
1b
CMD
Command mode select input
2b
DATA
Serial data out/in
3b
FLOW
Buffer full / busy output
4b
Tout
(link to 4a)
Notes:
1.
This pinout is very similar to the LMT radios but the serial data is on pin 2b (not 1b, which is here
used as the command mode select input )
2.
Serial programming is by an inverted, CMOS logic level, 9600 baud RS232 datastream applied to
the DATA pin (2b).
3.
TXE has a 100kΩ pullup to Vcc
4.
All pins are on an 0.1" grid
5.
In the 'off' state a PIN switch open circuits the RF output pin. There are no 'off' state spuri.
6.
10mW unit will operate (with marginally reduced specifications and lower (6-8mW) output power)
from a 3.0V rail. This must be well regulated and without noise or ripple, as in this state the unit's
internal regulator no longer operates, and provides no supply rejection.
7.
100mW versions should not be run continuously from supply voltages > 9v
8.
Do not exceed 3v logic levels on any input (4v for 100mW PLT units)
Application circuit
VCC (1a)
GND (2a)
(3a)
TXD (4a)
TXE
T
ransmit enable (active low)
3.1- 15V
Antenna
2
3
TXD
Vc c
SGD
4
6
7
8
9
5
PLT2
(0-3V)
Figure 4 : Typical RS232 interface for programming and data input


Similar Part No. - PLT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PLT VISHAY-PLT Datasheet
118Kb / 3P
   Precision Low TCR Thin Film Resistor, Surface Mount Chip, ± 5 ppm/°C TCR, 0.01 % Tolerance
Revision: 22-Apr-15
logo
Kemet Corporation
PLT-01 KEMET-PLT-01 Datasheet
827Kb / 2P
   Transformer/CMC for PLC
PLT-02 KEMET-PLT-02 Datasheet
826Kb / 2P
   Transformer for PLC
logo
LEDTRONICS, INC
PLT-1003-301 LEDTRONICS-PLT-1003-301 Datasheet
34Kb / 1P
   PLT-1003-301
PLT-1003-303 LEDTRONICS-PLT-1003-303 Datasheet
34Kb / 1P
   PLT-1003-303
More results

Similar Description - PLT

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
PLT2 RADIOMETRIX-PLT2 Datasheet
459Kb / 12P
   NBFM Multi channel Data Packet Link Radios
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TX2M RADIOMETRIX-TX2M Datasheet
566Kb / 12P
   UHF NBFM multi channel radio modules
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
HMT2 RADIOMETRIX-HMT2 Datasheet
473Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
TLM2-458-5 RADIOMETRIX-TLM2-458-5 Datasheet
139Kb / 7P
   NBFM Multi-channel 500mW UHF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com