Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPT1 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # QPT1
Description  VHF Narrow Band FM 2 Watt multi channel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

QPT1 Datasheet(HTML) 5 Page - Radiometrix Ltd

  QPT1 Datasheet HTML 1Page - Radiometrix Ltd QPT1 Datasheet HTML 2Page - Radiometrix Ltd QPT1 Datasheet HTML 3Page - Radiometrix Ltd QPT1 Datasheet HTML 4Page - Radiometrix Ltd QPT1 Datasheet HTML 5Page - Radiometrix Ltd QPT1 Datasheet HTML 6Page - Radiometrix Ltd QPT1 Datasheet HTML 7Page - Radiometrix Ltd QPT1 Datasheet HTML 8Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Radiometrix Ltd
QPT1 Data Sheet
page 5
Serial interface commands
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important
that the unit does not 'decode' switch bounce in ordinary operation as a command string, or
spurious re-writing of the e2prom will result. For this reason the user must send the 16 character
string ENABLESERIALMODE (followed by a carriage return) to fully enable the serial command
mode before sending any of the command strings listed below. Command mode is disabled on
power down, or on reception of a # character. To successfully program the unit, n_txe must be
'low' (active) to enable the unit.
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
LOAD aa
nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
SETPAR
Channel selected by 4 bit parallel inputs (ch0 to ch15 only)
SETSER
Channel selected by most recent GOCHAN operation
RVALUE rrrr
Set value for R register
SINGLE nnnnn
Set value of N for single channel operation.
N value NOT stored in EEPROM
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
For QPT1 Transmitter:
kHz
MHz
f
f
R
cing
channelspa
Xtal
25
10
=
=
, So R=400
6930
25
250
.
173
=
=
=
kHz
MHz
f
f
N
cing
Channelspa
RF
TX
Notes: 1. A pause of at least 50ms must be allowed between command strings (EEPROM
programming time).
2. SINGLE mode does not store the N value in EEPROM. Therefore the unit is
inoperative after a power down until either another valid SINGLE command is
received, or mode is changed by a GOCHAN, SETPAR or SETSER command.
SINGLE mode is intended for frequency agile applications.


Similar Part No. - QPT1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPT1 RADIOMETRIX-QPT1_12 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
More results

Similar Description - QPT1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
QPT1 RADIOMETRIX-QPT1_12 Datasheet
311Kb / 8P
   VHF Narrow Band FM 2 Watt multi channel
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
TX1M RADIOMETRIX-TX1M_14 Datasheet
632Kb / 12P
   VHF Narrow Band FM multi channel TX and RX
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com