Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLS3247N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FLS3247N
Description  Single-Stage PFC Primary-Side-Regulation Offline LED Driver with Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLS3247N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FLS3247N Datasheet HTML 2Page - Fairchild Semiconductor FLS3247N Datasheet HTML 3Page - Fairchild Semiconductor FLS3247N Datasheet HTML 4Page - Fairchild Semiconductor FLS3247N Datasheet HTML 5Page - Fairchild Semiconductor FLS3247N Datasheet HTML 6Page - Fairchild Semiconductor FLS3247N Datasheet HTML 7Page - Fairchild Semiconductor FLS3247N Datasheet HTML 8Page - Fairchild Semiconductor FLS3247N Datasheet HTML 9Page - Fairchild Semiconductor FLS3247N Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FLS3217 / FLS3247 • Rev. 1.0.0
6
Electrical Characteristics (Continued)
Unless otherwise specified, VDD=15V and TA=25°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Current-Error-Amplifier Section
Gm
Transconductance
85
mho
ICOMI-SINK
COMI Sink Current
VEAI=3V, VCOMI=5V
25
38
A
ICOMI-SOURCE
COMI Source Current
VEAI=2V, VCOMI=0V
25
38
A
VCOMI-HGH
COMI High Voltage
VEAI=2V
4.7
V
VCOMI-LOW
COMI Low Voltage
VEAI=3V
0.1
V
Over-Current Protection Section
VOCP
VCS Threshold Voltage for OCP
0.60
0.67
0.74
V
VLowOCP
VCS Threshold Voltage for Low OCP
0.13
0.18
0.23
V
VLowOCP-EN
VS Threshold Voltage to Enable LOW OCP Level
0.40
V
VLowOCP-DIS
VS Threshold Voltage to Disable LOW OCP Level
0.60
V
Over-Temperature-Protection Section
TOTP
Threshold Temperature for OTP
(3)
140
150
160
oC
TOTP-HYS
Restart Junction Temperature Hysteresis
10
oC
Note:
3.
When the over-temperature protection (OTP) is activated, the power system enters Auto-Recovery Mode and
output is disabled.


Similar Part No. - FLS3247N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FLS3247N ONSEMI-FLS3247N Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
More results

Similar Description - FLS3247N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
   Single-Stage PFC Primary-Side-Regulation LED Driver
logo
BCD Semiconductor Manuf...
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
   Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
AP1690 DIODES-AP1690 Datasheet
388Kb / 9P
   SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
   Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Taiwan Semiconductor Co...
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
   Single-Stage Primary-Side Control with High PFC LED Driver
logo
Holtek Semiconductor In...
HT7L5610 HOLTEK-HT7L5610 Datasheet
1Mb / 9P
   Primary Side Regulation Off Line LED Driver with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com