Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLA101 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FXLA101
Description  Low-Voltage Dual-Supply 1-Bit Voltage Translator with Auto Direction Sensing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA101 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FXLA101 Datasheet HTML 6Page - Fairchild Semiconductor FXLA101 Datasheet HTML 7Page - Fairchild Semiconductor FXLA101 Datasheet HTML 8Page - Fairchild Semiconductor FXLA101 Datasheet HTML 9Page - Fairchild Semiconductor FXLA101 Datasheet HTML 10Page - Fairchild Semiconductor FXLA101 Datasheet HTML 11Page - Fairchild Semiconductor FXLA101 Datasheet HTML 12Page - Fairchild Semiconductor FXLA101 Datasheet HTML 13Page - Fairchild Semiconductor FXLA101 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FLXA101 • Rev. 1.0.4
10
AC Characteristics (Continued)
VCCA = 1.4V to 1.6V, TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Min.
Max.
Min.
Max.
Min.
Max
Min.
Max.
Typ.
tPLH,tPHL
A to B
0.5
6.0
0.5
6.5
1.0
7.0
1.0
8.5
7.9
ns
B to A
0.6
6.8
0.8
6.9
0.9
7.5
1.0
8.5
6.1
ns
tPZL,tPZH
/OE to A,
/OE to B
1.7
1.7
1.7
1.7
1.7
µs
tSKEW
A Port,
B Port
(12)
1.0
1.0
1.0
1.0
1.0
ns
VCCA = 1.1V to 1.3V, TA=-40 to 85°C
Symbol
Parameter
VCCB=3.0V
to 3.6V
VCCB=2.3V
to 2.7V
VCCB=1.65V
to 1.95V
VCCB=1.4V
to 1.6V
VCCB=1.1V
to 1.3V
Units
Typ.
Typ.
Typ.
Typ.
Typ.
tPLH,tPHL
A to B
4.6
4.8
5.4
6.2
9.2
ns
B to A
6.8
7.0
7.4
7.8
9.1
ns
tPZL,tPZH
/OE to A, /OE to B
1.7
1.7
1.7
1.7
1.7
µs
tSKEW
A Port, B Port
(12)
1.0
1.0
1.0
1.0
1.0
ns
Note:
12. Skew is the variation of propagation delay between output signals and applies only to output signals on the same
port (An or Bn) and switching with the same polarity (LOW-to-HIGH or HIGH-to-LOW) (see Figure 10).
Skew is guaranteed, but not tested.


Similar Part No. - FXLA101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA101FHX ONSEMI-FXLA101FHX Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA101L6X ONSEMI-FXLA101L6X Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
More results

Similar Description - FXLA101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
logo
Toshiba Semiconductor
TC7LX0104MU TOSHIBA-TC7LX0104MU Datasheet
222Kb / 16P
   Low-Voltage, Low-Power 4-Bit Dual-Supply Bus Transceiver with Auto Direction Sensing
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com