Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19193-0298 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 19193-0298
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19193-0298 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

  19193-0298 Datasheet HTML 1Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 2Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 3Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 4Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 5Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 6Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 7Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 8Page - Molex Electronics Ltd. 19193-0298 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 9 of 9
Revision: K
Revision Date: 05-06-08
Certificate of Calibration
Tool Order Number ____________________________
Tool Eng. Number_____________________________
Tool Revision________________________________
Serial Number_______________________________
Date of Manufacture___________________________
Handle Load Range; see Tool Preload (page 6). =______________
Actual =_______________
Pin Gauge of Conductor Nest/Nests or Slug height if the nest is the “F” Crimp style.
Range Conductor Nest # 1 =______________Actual =_____________
Range Conductor Nest # 2 =______________Actual =_____________
Range Conductor Nest # 3 =______________Actual =_____________
Range Conductor Nest # 4 =______________Actual =_____________
Technician________________________
Date of Calibration ___________________
Calibration should be done every 5,000 cycles or 3 months.
Tools should be lubricated during this operation.
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax: 630-969-1352
Visit our Web site at http://www.molex.com


Similar Part No. - 19193-0298

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19193-0201 MOLEX4-19193-0201 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
19193-0218 MOLEX4-19193-0218 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results

Similar Description - 19193-0298

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com