Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19193-0299 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19193-0299
Description  Hand Crimp Tool Operating Instruction Sheet and Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

19193-0299 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19193-0299 Datasheet HTML 1Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 2Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 3Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 4Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 5Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 6Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 7Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 8Page - Molex Electronics Ltd. 19193-0299 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MCT-8200 Hand Crimp Tool
Doc. No: ATS-640013900
Release Date: 09-26-03
UNCONTROLLED COPY
Page 1 of 9
Revision: K
Revision Date: 05-06-08
Hand Crimp Tool
Operating Instruction Sheet and Specifications
Order No. 64001-3900
Engineering No. MCT-8200
(Replaces 19284-0035)
FEATURES
Heavy-duty cable crimping tool with hand held precision
Tool can be used with insulated and non-insulated terminals in wire sizes 2 to 8 AWG
A ratchet feature is standard
Perfect for maintenance and lower volume crimping
Long handles provide maximum mechanical advantage which reduces operator fatigue
SCOPE
Perma-Seal
, InsulKrimp, NylaKrimp, VersaKrimp Terminals and Splices 2–8 AWG. Fully insulated and
non-insulated Ring Tongue terminals also Step Down Butt and Parallel Splices.
Testing
Mechanical
The tensile test, or pull test is, a means of evaluating the mechanical properties of the crimped connections. The
following charts show the UL and Government specifications (MIL-T-7928) for various wire sizes. The tensile
strength is shown in pounds. It indicates the minimum acceptable force to break or separate the terminal from
the conductor.
Wire Size (AWG)
*UL - 486 A
*UL – 486 C
**Military
8
90
45
225
6
100
50
300
4
140
N/A
400
2
180
N/A
550
*UL - 486 A - Terminals (Copper conductors only)
*UL - 486 C - Butt Splices, Parallel Splices
**Military – Military Approved Terminals only as listed
The following is a partial list of the product part numbers and their specifications that this tool is designed to run.
We will be adding to this list and an up to date copy is available on www.molex.com
Wire Size: 8 8.50mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19067-0003
D-950-08
.375
9.53
.350
8.89
19067-0006
D-950-10
.375
9.53
.350
8.89
19067-0008
D-950-14
.375
9.53
.350
8.89
19067-0012
D-950-56
.375
9.53
.350
8.89
19067-0016
D-951-10
.375
9.53
.350
8.89
19067-0018
D-951-14
.375
9.53
.350
8.89
19067-0022
D-951-38
.375
9.53
.350
8.89
Wire Size: 8 8.50mm²
Wire Strip
Length
Insulation
Diameter
Maximum
Terminal No.
Terminal
Eng No. (REF)
In
mm
In
mm
19067-0025
D-951-56
.375
9.53
.350
8.89
19067-0028
D-952-12
.375
9.53
.350
8.89
19067-0030
D-952-38
.375
9.53
.350
8.89
19067-0031
D-952-76
.375
9.53
.350
8.89
19067-0032
D-953-12
.375
9.53
.350
8.89
19067-0033
D-953-34
.375
9.53
.350
8.89
19067-0034
D-953-58
.375
9.53
.350
8.89


Similar Part No. - 19193-0299

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19193-0201 MOLEX4-19193-0201 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
19193-0218 MOLEX4-19193-0218 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 6 AWG Wire
More results

Similar Description - 19193-0299

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621000100 MOLEX11-0621000100 Datasheet
173Kb / 4P
   LFH??FERRULE CRIMP HAND TOOL Operating Instruction and Specification Sheet
0638234875 MOLEX11-0638234875 Datasheet
592Kb / 8P
   HAND CRIMP TOOL Specification Sheet
0638113875 MOLEX11-0638113875 Datasheet
122Kb / 4P
   Hand Crimp Tool Specification Sheet
0638235675 MOLEX11-0638235675 Datasheet
650Kb / 7P
   HAND CRIMP TOOL Specification Sheet
63811-2400 MOLEX8-63811-2400 Datasheet
181Kb / 5P
   Hand Crimp Tool Specification Sheet
0638117575 MOLEX11-0638117575 Datasheet
341Kb / 7P
   Hand Crimp Tool Specification Sheet
02-08-1235 MOLEX2-02-08-1235 Datasheet
322Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
63811-2600 MOLEX8-63811-2600 Datasheet
199Kb / 5P
   Hand Crimp Tool Specification Sheet
0638116300 MOLEX11-0638116300 Datasheet
207Kb / 5P
   Hand Crimp Tool Specification Sheet
0638115800 MOLEX11-0638115800 Datasheet
256Kb / 6P
   HAND CRIMP TOOL SPECIFICATION SHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com