Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLA104UMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FXLA104UMX
Description  Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA104UMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FXLA104UMX_12 Datasheet HTML 1Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 2Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 3Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 4Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 5Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 6Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 7Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 8Page - Fairchild Semiconductor FXLA104UMX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2012
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA104 • Rev. 1.0.9
FXLA104
Low-Voltage Dual-Supply 4-Bit Voltage Translator with
Configurable Voltage Supplies and Signal Levels,
3-State Outputs, and Auto Direction Sensing
Features
Bi-Directional Interface between Two Levels:
from 1.1V to 3.6V
Fully Configurable: Inputs and Outputs Track V
CC
Non-Preferential Power-Up; Either V
CC May Be
Powered Up First
Outputs Switch to 3-State if Either V
CC is at GND
Power-Off Protection
Bus-Hold on Data Inputs Eliminates the Need for
Pull-Up Resistors; Do Not Use Pull-Up Resistors on
A or B Ports
Control Input (/OE) Referenced to V
CCA Voltage
Available in 16-Terminal UMLP (1.8mm x 2.6mm)
and 12-Terminal, Quad UMLP, 1.8 x 1.8mm
Packages
Direction Control Not Necessary
100Mbps Throughput when Translating Between
1.8V and 2.5V
ESD Protection Exceeds:
- 8kV HBM (per JESD22-A114 & Mil Std 883e
3015.7)
- 2kV CDM (per ESD STM 5.3)
Applications
Cell Phone, PDA, Digital Camera, Portable GPS
Description
The FXLA104 is a configurable dual-voltage supply
translator for both uni-directional and bi-directional
voltage translation between two logic levels. The device
allows translation between voltages as high as 3.6V to
as low as 1.1V. The A port tracks the VCCA level and the
B port tracks the VCCB level. This allows for bi-directional
voltage translation over a variety of voltage levels: 1.2V,
1.5V, 1.8V, 2.5V, and 3.3V.
The device remains in three-state as long as either
VCC=0V, allowing either VCC to be powered up first.
Internal power-down control circuits place the device in
3-state if either VCC is removed.
The /OE input, when HIGH, disables both the A and B
ports by placing them in a 3-state condition. The /OE
input is supplied by VCCA.
The FXLA104 supports bi-directional translation without
the need for a direction control pin. The two ports of the
device have auto-direction sense capability. Either port
may sense an input signal and transfer it as an output
signal to the other port.
Ordering Information
Part Number
Operating
Temperature
Range
Top Mark
Package
Packing
Method
FXLA104UMX
-40 to 85°C
XJ
16-Terminal UMLP 1.8 x 2.6mm Package
5K Units Tape
and Reel
FXLA104UM12X
XJ
12-Terminal, Quad UMLP, 1.8 x 1.8mm Package


Similar Part No. - FXLA104UMX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA104UMX FAIRCHILD-FXLA104UMX Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UMX FAIRCHILD-FXLA104UMX Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
ON Semiconductor
FXLA104UMX ONSEMI-FXLA104UMX Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
More results

Similar Description - FXLA104UMX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com