Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLA108 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FXLA108
Description  Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA108 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FXLA108_12 Datasheet HTML 1Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 2Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 3Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 4Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 5Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 6Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 7Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 8Page - Fairchild Semiconductor FXLA108_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA108 • Rev. 1.0.5
2
Pin Configuration
Figure 1. Pin Configuration (Top Through View)
Pin Definitions
Pin #
Name
Description
1
VCCA
A-Side Power Supply
2
A0
A-Side Inputs or 3-State Outputs
3
A1
A-Side Inputs or 3-State Outputs
4
A2
A-Side Inputs or 3-State Outputs
5
A3
A-Side Inputs or 3-State Outputs
6
A4
A-Side Inputs or 3-State Outputs
7
A5
A-Side Inputs or 3-State Outputs
8
A6
A-Side Inputs or 3-State Outputs
9
A7
A-Side Inputs or 3-State Outputs
10
GND
Ground
11
/OE
Output Enable Input
12
B7
B-Side Inputs or 3-State Outputs
13
B6
B-Side Inputs or 3-State Outputs
14
B5
B-Side Inputs or 3-State Outputs
15
B4
B-Side Inputs or 3-State Outputs
16
B3
B-Side Inputs or 3-State Outputs
17
B2
B-Side Inputs or 3-State Outputs
18
B1
B-Side Inputs or 3-State Outputs
19
B0
B-Side Inputs or 3-State Outputs
20
VCCB
B-Side Power Supply
DAP
NC
No Connect
2
A0
A1 3
A2 4
A3 5
A4
A5
6
7
10
1
18
17
16
15
1
/OE
11
1
2
GND
VCCA VCC
B0
B1
B2
B3
B4
B5
A6 8
A7 9
13 B6
1
B7


Similar Part No. - FXLA108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108BQX FAIRCHILD-FXLA108BQX Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
ON Semiconductor
FXLA108BQX ONSEMI-FXLA108BQX Datasheet
623Kb / 19P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator
March 2012 Rev. 1.0.5
More results

Similar Description - FXLA108_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com