Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLA108BQX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FXLA108BQX
Description  Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA108BQX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FXLA108BQX_12 Datasheet HTML 1Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 2Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 3Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 4Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 5Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 6Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 7Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 8Page - Fairchild Semiconductor FXLA108BQX_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA108 • Rev. 1.0.5
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage
VCCA
-0.5
4.6
V
VCCB
-0.5
4.6
VI
DC Input Voltage
I/O Ports A and B
-0.5
4.6
V
Control Input (/OE)
-0.5
4.6
VO
Output Voltage
(2)
Output 3-State
-0.5
4.6
V
Output Active (An)
-0.5
VCCA +0.5
Output Active (Bn)
-0.5
VCCB +0.5
IIK
DC Input Diode Current
VI<0V
-50
mA
IOK
DC Output Diode Current
VO<0V
-50
mA
VO>VCC
+50
IOH/IOL
DC Output Source/Sink Current
-50
+50
mA
ICC
DC VCC or Ground Current (per Supply Pin)
±100
mA
TSTG
Storage Temperature Range
-65
+150
°C
PD
Power Dissipation
35
mW
ESD
Human Body Model, JESD22-A114
8
kV
Charged Device Model, JESD22-C101
2
Notes:
1.
IO absolute maximum ratings must be observed.
2.
All unused inputs and input/outputs must be held at VCCi or GND.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Power Supply
Operating VCCA or VCCB
1.1
3.6
V
VIN
Input Voltage
Ports A and B
0
3.6
V
Control Input (/OE)
0
VCCA
V
TA
Operating Temperature, Free Air
-40
+85
°C
dt/dV
Minimum Input Edge Rate
VCCA/B = 1.1 to 3.6V
10
ns/V
ΘJA
Thermal Resistance:
Junction-to-Ambient
50
°C/W
ΘJC
Thermal Resistance:
Junction-to-Case
23
°C/W


Similar Part No. - FXLA108BQX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108BQX FAIRCHILD-FXLA108BQX Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
ON Semiconductor
FXLA108BQX ONSEMI-FXLA108BQX Datasheet
623Kb / 19P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator
March 2012 Rev. 1.0.5
More results

Similar Description - FXLA108BQX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com