Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT14 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HCT14
Description  Hex Inverting Schmitt Trigger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT14 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HCT14_09 Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 8Page - Fairchild Semiconductor MM74HCT14_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HCT14 • Rev. 1.4.2
4
DC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
TA=+25°C
TA=-40°C
to +85°C Units
Typ.
Guaranteed Limits
VT+
Positive-Going
Threshold Voltage
Minimum
4.5
1.5
1.2
1.2
V
5.5
1.7
1.4
1.4
Maximum
4.5
1.5
1.9
1.9
5.5
1.7
2.1
2.1
VT-
Negative-Going
Threshold Voltage
Minimum
4.5
0.9
0.5
0.5
V
5.5
1.0
0.6
0.6
Maximum
4.5
0.9
1.2
1.2
5.5
1.0
1.4
1.4
VH
Hysteresis Voltage
Minimum
4.5
0.6
0.4
0.4
V
5.5
0.7
0.4
0.4
Maximum
4.5
0.6
1.4
1.4
5.5
0.7
1.5
1.5
VOH
Minimum HIGH Level
Output Voltage
VIN =VIL, | IOUT | = 20µA
4.5
VCC
VCC – 0.1 VCC – 0.1
V
VIN =VIL, | IOUT | = 4.0mA
4.5
4.20
3.98
3.84
VIN =VIL, | IOUT | = 4.8mA
5.5
5.20
4.98
4.98
VOL
Maximum LOW Level
Voltage
VIN =VIL, | IOUT | = 20µA
4.5
0
0.1
0.1
V
VIN =VIL, | IOUT | = 4.0mA
4.5
0.2
0.26
0.33
VIN =VIL, | IOUT | = 4.8mA
5.5
0.2
0.26
0.33
IIN
Maximum Input Current VIN = VCC or GND, VIH or VIL
5.5
±0.1
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND, IOUT = 0µA
5.5
1.0
10.0
µA
VIN = 2.4V or 0.5V
2.4
2.4
mA


Similar Part No. - MM74HCT14_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results

Similar Description - MM74HCT14_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com