Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJS18D-23-792 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # NJS18D-23-792
Description  CONTINUOUS CARD COLLECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

NJS18D-23-792 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  NJS18D-23-792 Datasheet HTML 1Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.000020
.000060
J
CWB
09/12/06


Similar Part No. - NJS18D-23-792

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
NJS100UF NJSEMI-NJS100UF Datasheet
274Kb / 1P
   2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
More results

Similar Description - NJS18D-23-792

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
23836 WINCHESTER-23836 Datasheet
178Kb / 1P
   EDGECARD CONTINUOUS CARD COLLECTOR
24512 WINCHESTER-24512 Datasheet
328Kb / 3P
   EDGECARD, CONTINUOUS CARD COLLECTOR
23561 WINCHESTER-23561 Datasheet
361Kb / 1P
   EDGECARD, CONTINUOUS CARD COLLECTOR
logo
Fairchild Semiconductor
KSD1691GS FAIRCHILD-KSD1691GS Datasheet
52Kb / 5P
   Low Collector-Emtter Saturation Voltage & Large Collector Current
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
   PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Teledyne Technologies I...
MEC5496-D TELEDYNE-MEC5496-D Datasheet
92Kb / 1P
   TWTs, Continuous Wave
MEC5497-D TELEDYNE-MEC5497-D Datasheet
80Kb / 1P
   TWTs, Continuous Wave
MEC5889 TELEDYNE-MEC5889 Datasheet
44Kb / 1P
   TWTs, Continuous Wave
MEC5096 TELEDYNE-MEC5096 Datasheet
52Kb / 1P
   TWTs, Continuous Wave
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com