Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ14L6X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ14L6X
Description  TinyLogic짰 UHS Inverter with Schmitt Trigger Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ14L6X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ14L6X_10 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ14L6X_10 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ14 • Rev. 1.0.3
5
AC Electrical Characteristics
Symbol
Parameter
VCC (V)
Conditions
TA=+25°C
TA=-40 to
+85°C
Units
Figure
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
1.65
CL=15pF,
RL=1MΩ
2.0
9.1
15.0
2.0
15.6
ns
Figure 4
Figure 5
1.80
2.0
7.6
12.5
2.0
13.0
2.50 ± 0.20
1.0
5.0
9.0
1.0
9.5
3.30 ± 0.30
1.0
3.7
6.3
1.0
6.5
5.00 ± 0.50
0.5
3.1
5.2
0.5
5.5
3.30 ± 0.30
CL=50pF,
RL=500Ω
1.5
4.4
7.2
1.5
7.5
Figure 4
Figure 5
5.00 ± 0.50
0.8
3.7
5.9
0.8
6.2
CIN
Input Capacitance
0.00
4
pF
CPD
Power Dissipation
Capacitance
(2)
3.30
24
Figure 6
5.00
30
Note:
2.
CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating
current consumption (ICCD) at no output loading and operating at 50% duty cycle. CPD is related to ICCD dynamic
operating current by the expression: ICCD=(CPD)(VCC)(fIN)+(ICCstatic).
Note:
3.
CL includes load and stray capacitance;
Input PRR=1.0MHz; tW=500ns
Figure 4. AC Test Circuit
Figure 5. AC Waveforms
Note:
4.
Input=AC Waveform; tr=tf=1.8ns; PRR=10MHz; Duty Cycle =50%.
Figure 6. ICCD Test Circuit


Similar Part No. - NC7SZ14L6X_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ14L6X FAIRCHILD-NC7SZ14L6X Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14L6X FAIRCHILD-NC7SZ14L6X Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14L6X FAIRCHILD-NC7SZ14L6X Datasheet
598Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SZ14L6X ONSEMI-NC7SZ14L6X Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
NC7SZ14L6X ONSEMI-NC7SZ14L6X Datasheet
444Kb / 11P
   TinyLogic UHS Inverter with Schmitt Trigger Input
March, 2022 ??Rev. 5
More results

Similar Description - NC7SZ14L6X_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WZ14 FAIRCHILD-NC7WZ14_11 Datasheet
521Kb / 9P
   TinyLogic짰 UHS Dual Inverter with Schmitt Trigger Inputs
logo
ON Semiconductor
NC7SZ14 ONSEMI-NC7SZ14 Datasheet
592Kb / 10P
   UHS Inverter with Schmitt Trigger Input
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ14 FAIRCHILD-NC7SZ14_04 Datasheet
157Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14 FAIRCHILD-NC7SZ14 Datasheet
108Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7NZ14 FAIRCHILD-NC7NZ14_05 Datasheet
211Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7SZ14FHX FAIRCHILD-NC7SZ14FHX Datasheet
598Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
NC7NZ14 FAIRCHILD-NC7NZ14 Datasheet
138Kb / 8P
   TinyLogic UHS Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7NZ14 ONSEMI-NC7NZ14 Datasheet
619Kb / 10P
   TinyLogic UHS Inverter with Schmitt Trigger Input
April 2014 Rev. 1.0.2
NC7SZ14 ONSEMI-NC7SZ14_V01 Datasheet
444Kb / 11P
   TinyLogic UHS Inverter with Schmitt Trigger Input
March, 2022 ??Rev. 5
logo
Fairchild Semiconductor
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com