Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ32M5X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ32M5X
Description  TinyLogic짰 UHS Two-Input OR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ32M5X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ32M5X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ32M5X_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ32 • Rev. 1.0.3
5
AC Electrical Characteristics
TA=25°C
TA=-40 to +85°C
Symbol
Parameter
VCC
Conditions
Min.
Typ.
Max.
Min.
Max.
Units
Figure
1.65
2.0
5.5
12.0
2.0
12.7
1.80
2.0
4.6
10.0
2.0
10.5
2.50 ± 0.30
0.8
3.0
7.0
0.8
7.5
3.30 ± 0.30
0.5
2.4
4.7
0.5
5.0
5.00 ± 0.50
CL=15pF,
RL=1MΩ
0.5
1.9
4.1
0.5
4.4
3.30 ± 0.30
1.5
3.0
5.2
1.5
5.5
tPLH, tPHL
Propagation Delay
5.00 ± 0.50
CL=50pF,
RL=500Ω
0.8
2.4
4.5
0.8
4.8
ns
Figure 4
Figure 5
CIN
Input Capacitance
0.00
4
pF
3.30
20
CPD
Power Dissipation
Capacitance
(2)
5.00
26
pF
Figure 6
Note:
2.
CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating
current consumption (ICCD) at no output loading and operating at 50% duty cycle. CPD is related to ICCD dynamic
operating current by the expression: ICCD=(CPD)(VCC)(fIN)+(ICCstatic).
Note:
3.
CL includes load and stray capacitance.
Input PRR=10MHz tw=500ns.
Figure 4. AC Test Circuit
Figure 5. AC Waveforms
Note:
4.
Input=AC Waveform; tr=tf=1.8ns;
PRR=10MHz; Duty Cycle=50%
Figure 6. ICCD Test Circuit


Similar Part No. - NC7SZ32M5X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ32M5X_NL FAIRCHILD-NC7SZ32M5X_NL Datasheet
132Kb / 9P
   TinyLogic UHS 2-Input OR Gate
More results

Similar Description - NC7SZ32M5X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ86 FAIRCHILD-NC7SZ86_09 Datasheet
603Kb / 10P
   TinyLogic짰 UHS Two-Input Exclusive-OR Gate
NC7SZ08FHX FAIRCHILD-NC7SZ08FHX Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ08 FAIRCHILD-NC7SZ08_09 Datasheet
541Kb / 10P
   TinyLogic짰 UHS Two-Input AND Gate
NC7SZ00 FAIRCHILD-NC7SZ00_10 Datasheet
567Kb / 10P
   TinyLogic짰 UHS Two-Input NAND Gate
logo
ON Semiconductor
NC7SZ32 ONSEMI-NC7SZ32 Datasheet
263Kb / 12P
   UHS Two-Input OR Gate
August-2017, Rev . 2
logo
Fairchild Semiconductor
NC7SVL32 FAIRCHILD-NC7SVL32 Datasheet
546Kb / 10P
   TinyLogic짰 Low-ICCT Two-Input OR Gate
logo
ON Semiconductor
NC7SZ86 ONSEMI-NC7SZ86 Datasheet
593Kb / 11P
   UHS Two-Input Exclusive-OR Gate
October-2017, Rev . 2
NC7SZ32 ONSEMI-NC7SZ32_V01 Datasheet
404Kb / 11P
   TinyLogic UHS Two-Input OR Gate
May, 2022 - Rev. 6
logo
Fairchild Semiconductor
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SZ02 ONSEMI-NC7SZ02 Datasheet
587Kb / 12P
   UHS Two-Input NOR Gate
December 2010 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com