Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX248AK Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX248AK
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX248AK Datasheet(HTML) 2 Page - Sony Corporation

  ICX248AK Datasheet HTML 1Page - Sony Corporation ICX248AK Datasheet HTML 2Page - Sony Corporation ICX248AK Datasheet HTML 3Page - Sony Corporation ICX248AK Datasheet HTML 4Page - Sony Corporation ICX248AK Datasheet HTML 5Page - Sony Corporation ICX248AK Datasheet HTML 6Page - Sony Corporation ICX248AK Datasheet HTML 7Page - Sony Corporation ICX248AK Datasheet HTML 8Page - Sony Corporation ICX248AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
– 2 –
ICX248AK
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
V
φ4
V
φ3
V
φ2
φSUB
GND
V
φ1
VL
GND
VDD
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Substrate clock
GND
Vertical register transfer clock
Protective transistor bias
GND
Output circuit supply voltage
Signal output
11
12
13
14
15
16
17
18
19
20
VGG
VDSUB
VSS
GND
GND
RD
φRG
NC
H
φ1
H
φ2
Output circuit gate bias
Substrate bias circuit supply voltage
Output circuit source
GND
GND
Reset drain bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Note)
Note)
: Photo sensor
Horizontal Register
17
18
19
20
Cy
Mg
Cy
G
Cy
Mg
Ye
G
Ye
Mg
Ye
G
Cy
Mg
Cy
G
Cy
Mg
Ye
G
Ye
Mg
Ye
G
Block Diagram and Pin Configuration
(Top View)
Pin Description


Similar Part No. - ICX248AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX248AL SONY-ICX248AL Datasheet
220Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA Black-and-White Video Cameras
More results

Similar Description - ICX248AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX038DNB SONY-ICX038DNB Datasheet
210Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKL SONY-ICX418AKL Datasheet
184Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKB SONY-ICX418AKB Datasheet
229Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX419AKL SONY-ICX419AKL Datasheet
201Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNA SONY-ICX039DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX039DNB SONY-ICX039DNB Datasheet
212Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX429AKL SONY-ICX429AKL Datasheet
189Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
ICX419AKB SONY-ICX419AKB Datasheet
197Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com