Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDEC Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # KDEC
Description  Code-hopping receiver with up to 5 relay outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

KDEC Datasheet(HTML) 3 Page - Radiometrix Ltd

  KDEC_12 Datasheet HTML 1Page - Radiometrix Ltd KDEC_12 Datasheet HTML 2Page - Radiometrix Ltd KDEC_12 Datasheet HTML 3Page - Radiometrix Ltd KDEC_12 Datasheet HTML 4Page - Radiometrix Ltd KDEC_12 Datasheet HTML 5Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Radiometrix Ltd
KDEC
page 3
Clearing the memory
When the memory is full, no new transmitters can be learned. To clear the memory of all stored transmitters,
the Learn button is pressed and held for more than 6s approx. The Learn LED will go out and upon releasing
the button it will flash once to indicate that the memory has been cleared. It is not possible to remove
individual transmitters from the memory.
Jumper settings
Jumper
Function
Position A
(or not fitted at all)
Position B
T
KDEC Type
KFX Keyfob optimised
KTX Module optimised
M
Relay Mode
Momentary
Latching / Toggled
Jumper T position is only read at power-up and should be set before power is applied.
Jumper M position is read repeatedly during operation and can be changed at any time.
SAFETY WARNING: Extra care should be taken when handling the electrical connection from relay to 250AC
device. Mains power should be disconnected before connecting the wires to 3-way terminal blocks to prevent
electric shock. Exposed wires or terminal block should not be touched during evaluation.
Figure 2: Component layout and Dimensions


Similar Part No. - KDEC_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
More results

Similar Description - KDEC_12

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
KDEC RADIOMETRIX-KDEC Datasheet
431Kb / 5P
   Code-hopping receiver with up to 5 relay outputs
KRX416 RADIOMETRIX-KRX416 Datasheet
359Kb / 5P
   Code-hopping decoder with 4 outputs
KRX2 RADIOMETRIX-KRX2 Datasheet
141Kb / 9P
   UHF FM Code-Hopping Receiver Module
logo
Microchip Technology
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
TB003 MICROCHIP-TB003 Datasheet
100Kb / 12P
   An Introduction to KELLOQ짰 Code Hopping
1996 - 1999
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
   KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
   KEELOQ Code Hopping Encoder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
   KEELOQ Code Hopping Encoder
01/18/02
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
   KEELOQ CODE HOPPING ENCODER
1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com