Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ157P6X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7SZ157P6X
Description  TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ157P6X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7SZ157P6X_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ157P6X_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ157 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
-0.5
7.0
V
VOUT
DC Output Voltage
-0.5
7.0
V
IIK
DC Input Diode Current
VIN 0.5V
-50
mA
IOK
DC Output Diode Current
VOUT -0.5V
-50
mA
IOUT
DC Output Current
±50
mA
ICC or IGND
DC VCC or Ground Current
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature (Soldering, 10 Seconds)
+260
°C
PD
Power Dissipation at +85°C
SC70-6
180
mW
MicroPak-6
130
MicroPak2-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charge Device Model, JEDEC:JESD22-C101
2000
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage Operating
1.65
5.50
V
Supply Voltage Data
Retention
1.50
5.50
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C
tr, tf
Input Rise and Fall Times
VCC at 1.8V ± 0.15V,
2.5V ± 0.2V
0
20
ns/V
VCC at 3.3V ± 0.3V
0
10
VCC at 5.0V ± 0.5V
0
5
θ
JA
Thermal Resistance
SC70-6
350
°C/W
MicroPak-6
500
MicroPak2-6
560


Similar Part No. - NC7SZ157P6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
163Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157P6X FAIRCHILD-NC7SZ157P6X Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157P6X ONSEMI-NC7SZ157P6X Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
More results

Similar Description - NC7SZ157P6X_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157 Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157FHX FAIRCHILD-NC7SZ157FHX Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157 ONSEMI-NC7SZ157 Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157_04 Datasheet
163Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ18 FAIRCHILD-NC7SZ18_11 Datasheet
547Kb / 10P
   TinyLogic짰 UHS 1-of-2 Non-Inverting De-multiplexer with 3-STATE Deselected Output
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
Fairchild Semiconductor
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com