Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121586-5132 Datasheet(PDF) 7 Page - ITT Industries

Part # 121586-5132
Description  Cannon APD Series ISO 15170 Connectors
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

121586-5132 Datasheet(HTML) 7 Page - ITT Industries

Back Button 121586-5132 Datasheet HTML 3Page - ITT Industries 121586-5132 Datasheet HTML 4Page - ITT Industries 121586-5132 Datasheet HTML 5Page - ITT Industries 121586-5132 Datasheet HTML 6Page - ITT Industries 121586-5132 Datasheet HTML 7Page - ITT Industries 121586-5132 Datasheet HTML 8Page - ITT Industries 121586-5132 Datasheet HTML 9Page - ITT Industries 121586-5132 Datasheet HTML 10Page - ITT Industries 121586-5132 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
7
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Technical Data, High Power 1-way*
Electrical Data
Mechanical Data
Environmental Data (acc. ISO 15170)
Materials List
The APD 1 / 2-way connectors are derived from ISO 15170
and adapted to applications requiring high power. These
versions cover wire ranges from 16 mm² up to 50 mm²
power and a power consumption up to 245A. The combina-
tion of small size and high power make them an ideal solu-
tion for many applications.
Applications for the 1 / 2-way connector include:
•Tail lifts
•On Board Kitchen
•Power Supply for Antennas and Base Stations
Power Distribution in:
•Trucks
•Tractors
Operating Voltage
48 VDC*
Operating Current
see derating curve
Contact Resistance
0,4 mΩ max.
Voltage Proof
1000 VAC, 60 seconds
Insulation Resistance
10 MΩ min.
Durability
50 Mating Cycles
Coupling Torque
2 Nm max.
Static Load, free connector
350 N (ISO 15170-2, Sec. 4.6)
Temperature Range
-40 °C up to 125 °C (ISO 15170-2, Sec. 6.4)
Humidity Range
up to 95 % r.h. (ISO 15170-2, Sec. 6.4)
Sealing
IP 67 (DIN EN 60529)*
Salt Spray
96 h, 35 °C (ISO 15170-2, Sec. 6.2)
Industrial Climate
SO2, 0,67 % (ISO 15170-2, Sec. 6.3)
Fluid Compatibility
Brakefluid, ATF, fuel, .. (ISO 15170-2, Sec. 6.6)*
Vibration Resistance
Sine, 100 m/s², 3 axis, 24h, RT (EN 60512)*
Housing Parts
PBT GF
Sealing Parts
HNBR (alternative FKM)
Coupling Nut
PA 66 GF
Contacts
Copper Alloy, Ag plated
* Further information available upon request


Similar Part No. - 121586-5132

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121586-5100 ITT-121586-5100 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5101 ITT-121586-5101 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5102 ITT-121586-5102 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5103 ITT-121586-5103 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
121586-5104 ITT-121586-5104 Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
More results

Similar Description - 121586-5132

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com