Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SZ157FHX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # NC7SZ157FHX
Description  TinyLogic짰 UHS 2-Input Non-Inverting Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SZ157FHX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SZ157FHX_09 Datasheet HTML 1Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 2Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 3Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 4Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 5Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 6Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 7Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 8Page - Fairchild Semiconductor NC7SZ157FHX_09 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2000 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ157 • Rev. 1.0.3
5
AC Electrical Characteristics
Symbol
Parameter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Figure
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay
S to Z
1.80 ± 0.15
CL=15pF,
RL=1MΩ,
2.5
6.0
11.5
2.5
12.0
ns
Figure 5
Figure 6
2.50 ± 0.20
1.2
3.5
6.1
1.2
6.5
3.30 ± 0.30
0.8
2.6
4.1
0.8
4.5
5.00 ± 0.50
0.5
1.9
3.2
0.5
3.5
Propagation Delay
In to Z
1.80 ± 0.15
CL=15pF,
RL=1MΩ,
2.5
5.9
10.0
2.5
10.5
5.00 ± 0.50
1.2
3.5
5.8
1.2
6.1
3.30 ± 0.30
0.8
2.6
3.9
0.8
4.2
5.00 ± 0.50
0.5
1.9
3.1
0.5
3.3
Propagation Delay
S to Z
3.30 ± 0.30 C
L=50pF,
RL=500Ω,
1.2
3.2
4.8
1.2
5.2
5.00 ± 0.50
0.8
2.4
3.8
0.8
4.1
Propagation Delay
In to Z
3.30 ± 0.30 C
L=50pF,
RL=500Ω,
1.2
3.2
4.6
1.2
5.0
5.00 ± 0.50
0.8
2.4
3.7
0.8
4.0
CIN
Input Capacitance
0.00
2
pF
CPD
Power Dissipation
Capacitance
(4)
3.30
14
pF
Figure 7
5.00
17
Note:
4.
CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating
current consumption (ICCD) at no output loading and operating at 50% duty cycle. CPD is related to ICCD dynamic
operating current by the expression: ICCD=(CPD)(VCC)(fIN)+(ICCstatic).
Note:
5.
CL includes load and stray capacitance.
Input PRR=1.0MHz, tw=500ns.
Figure 5. AC Test Circuit
Figure 6. AC Waveforms
Note:
6.
Input=AC Waveform; PRR=Variable; Duty Cycle=50%.
Figure 7. ICCD Test Circuit


Similar Part No. - NC7SZ157FHX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157FHX FAIRCHILD-NC7SZ157FHX Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157FHX ONSEMI-NC7SZ157FHX Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
More results

Similar Description - NC7SZ157FHX_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157 Datasheet
113Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ157FHX FAIRCHILD-NC7SZ157FHX Datasheet
585Kb / 10P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
logo
ON Semiconductor
NC7SZ157 ONSEMI-NC7SZ157 Datasheet
560Kb / 9P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
November-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SZ157 FAIRCHILD-NC7SZ157_04 Datasheet
163Kb / 7P
   TinyLogic UHS 2-Input Non-Inverting Multiplexer
NC7SZ18 FAIRCHILD-NC7SZ18_11 Datasheet
547Kb / 10P
   TinyLogic짰 UHS 1-of-2 Non-Inverting De-multiplexer with 3-STATE Deselected Output
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
   Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
   Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
   Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
Fairchild Semiconductor
NC7SP157 FAIRCHILD-NC7SP157 Datasheet
176Kb / 9P
   TinyLogic ULP 2-Input Non-Inverting Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com