Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WV07 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NC7WV07
Description  TinyLogic짰 ULP-A Bual Buffer (Open-Drain Output)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WV07 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  NC7WV07_12 Datasheet HTML 1Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 2Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 3Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 4Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 5Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 6Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 7Page - Fairchild Semiconductor NC7WV07_12 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WV07 • Rev. 1.0.2
6
Physical Dimensions
DETAIL A
SCALE: 60X
B
1.90
2.00±0.20
0.50 MIN
1.00
0.80
1.10
0.80
0.10 C
0.25
0.10
0.46
0.26
0.20
GAGE
PLANE
(R0.10)
30°
SEATING
PLANE
C
0.10
0.00
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO EIAJ
SC-88, 1996.
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE BURRS
OR MOLD FLASH.
D) DRAWING FILENAME: MKT-MAA06AREV6
2.10±0.30
0.10
AB
0.65
1.30
(0.25)
0.30
0.15
1
1.25±0.10
3
1.30
0.40 MIN
SEE DETAIL A
LAND PATTERN RECOMMENDATION
6
A
4
C
0.65
L
SYMM
PIN ONE
Figure 6. 6-Lead, SC70, EIAJ SC-88a, 1.25mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
Tape and Reel Specification
Please visit Fairchild Semiconductor’s online packaging area for the most recent tape and reel specifications:
http://www.fairchildsemi.com/products/analog/pdf/sc70-6_tr.pdf.
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type Status
P6X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Similar Part No. - NC7WV07_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7WV07L6X FAIRCHILD-NC7WV07L6X Datasheet
173Kb / 8P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
NC7WV07L6X FAIRCHILD-NC7WV07L6X Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7WV07L6X ONSEMI-NC7WV07L6X Datasheet
371Kb / 10P
   TinyLogic ULP-A Bual Buffer
July 2012 Rev. 1.0.2
NC7WV07L6X ONSEMI-NC7WV07L6X Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WV07P6X FAIRCHILD-NC7WV07P6X Datasheet
173Kb / 8P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
More results

Similar Description - NC7WV07_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_11 Datasheet
531Kb / 10P
   TinyLogic짰 ULP-A Inverter (Open-Drain Output)
logo
ON Semiconductor
NC7WV07 ONSEMI-NC7WV07 Datasheet
371Kb / 10P
   TinyLogic ULP-A Bual Buffer
July 2012 Rev. 1.0.2
NC7WV07 ONSEMI-NC7WV07_V01 Datasheet
171Kb / 9P
   TinyLogic ULP-A Dual Buffer (Open-Drain Output)
September, 2021-Rev. 2
logo
Fairchild Semiconductor
NC7WV07 FAIRCHILD-NC7WV07_06 Datasheet
515Kb / 11P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
NC7WV07 FAIRCHILD-NC7WV07 Datasheet
173Kb / 8P
   TinyLogic ULP-A Dual Buffer (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
logo
ON Semiconductor
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
   TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
   TinyLogic ULP-A Inverter (Open Drain Output)
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
NC7WP07 FAIRCHILD-NC7WP07 Datasheet
181Kb / 9P
   TinyLogic-R ULP Dual Buffer (Open Drain Output) (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com