Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7WZ16P6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7WZ16P6X
Description  TinyLogic짰 UHS Dual Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7WZ16P6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7WZ16P6X_10 Datasheet HTML 1Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 2Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 3Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 4Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 5Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 6Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 7Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 8Page - Fairchild Semiconductor NC7WZ16P6X_10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© 1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7WZ16 • Rev. 1.0.4
4
DC Electrical Characteristics
Symbol
Parameter
VCC (V)
Conditions
TA=25°C
TA=-40 to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Control
Input Voltage
1.65 to 1.95
0.75VCC
0.75VCC
V
2.3 to 5.5
0.70VCC
0.70 VCC
VIL
LOW Level Control
Input Voltage
1.65 to 1.95
0.25VCC
0.25VCC
V
2.3 to 5.5
0.30VCC
0.30VCC
VOH
HIGH Level Output
Voltage
1.65
VIN=VIH
IOH=-100µA
1.55
1.65
1.55
V
1.80
1.70
1.80
1.70
2.30
2.20
2.30
2.20
3.00
2.90
3.00
2.90
4.50
4.40
4.50
4.40
1.65
IOH=-4mA
1.29
1.52
1.21
2.30
IOH=-8mA
1.90
2.14
1.90
3.00
IOH=-16mA
2.40
2.75
2.40
3.00
IOH=-24mA
2.30
2.62
2.30
4.50
IOH=-32mA
3.80
4.13
3.80
VOL
LOW Level Output
Voltage
1.65
VIN=VIL
IOL=100µA
0.00
0.10
0.10
V
1.80
0.00
0.10
0.10
2.30
0.00
0.10
0.10
3.00
0.00
0.10
0.10
4.50
0.00
0.10
0.10
1.65
IOL=4mA
0.08
0.24
0.24
2.30
IOL=8mA
0.10
0.30
0.30
3.00
IOL=16mA
0.16
0.40
0.40
3.00
IOL=24mA
0.24
0.55
0.55
4.50
IOL=32mA
0.25
0.55
0.55
IIN
Input Leakage
Current
0 to 5.5
0
≥ V
IN ≥ 5.5V
±0.1
±1.0
µA
IOFF
Power Off Leakage
Current
0
VIN or VOUT=5.5V
1.0
10
µA
ICC
Quiescent Supply
Current
1.65 to 5.50
VIN=5.5V, GND
1.0
10
µA


Similar Part No. - NC7WZ16P6X_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7WZ16P6X-L22347 ONSEMI-NC7WZ16P6X-L22347 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
More results

Similar Description - NC7WZ16P6X_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SZ34 FAIRCHILD-NC7SZ34 Datasheet
612Kb / 8P
   TinyLogic짰 UHS Buffer
NC7WZ07 FAIRCHILD-NC7WZ07_11 Datasheet
650Kb / 9P
   TinyLogic짰 UHS Dual Buffer (Open Drain Outputs)
NC7WZ04 FAIRCHILD-NC7WZ04_09 Datasheet
617Kb / 9P
   TinyLogic짰 UHS Dual Inverter
NC7WZ17 FAIRCHILD-NC7WZ17_12 Datasheet
379Kb / 9P
   TinyLogic짰 UHS Dual Buffer with Schmitt Trigger Inputs
NC7SZ125 FAIRCHILD-NC7SZ125_10 Datasheet
563Kb / 10P
   TinyLogic짰 UHS Buffer with Three-State Output
NC7SZ04 FAIRCHILD-NC7SZ04_11 Datasheet
644Kb / 10P
   TinyLogic짰 UHS Inverter
NC7SZU04 FAIRCHILD-NC7SZU04_09 Datasheet
621Kb / 10P
   TinyLogic짰 UHS Unbuffered Inverter
logo
ON Semiconductor
NC7WZ16 ONSEMI-NC7WZ16_V01 Datasheet
402Kb / 12P
   TinyLogic UHS Dual Buffer
April, 2022 - Rev. 6
NC7WZ07 ONSEMI-NC7WZ07 Datasheet
708Kb / 11P
   TinyLogic UHS Dual Buffer
April 2013 Rev. 1.0.7
NC7WZ16 ONSEMI-NC7WZ16 Datasheet
430Kb / 9P
   TinyLogic UHS Dual Buffer
October-2017, Rev . 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com