Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4841-1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4841-1
Description  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4841-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4841-1 Datasheet HTML 7Page - Analog Devices ADA4841-1 Datasheet HTML 8Page - Analog Devices ADA4841-1 Datasheet HTML 9Page - Analog Devices ADA4841-1 Datasheet HTML 10Page - Analog Devices ADA4841-1 Datasheet HTML 11Page - Analog Devices ADA4841-1 Datasheet HTML 12Page - Analog Devices ADA4841-1 Datasheet HTML 13Page - Analog Devices ADA4841-1 Datasheet HTML 14Page - Analog Devices ADA4841-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. C | Page 11 of 24
CODE
0
16384
32768
49152
65536
1.00
–1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
POSITIVE INL: +0.18 LSB
NEGATIVE INL: –0.21 LSB
Figure 12. Differential Nonlinearity vs. Code, VREF = 5 V
CODE
0
16384
32768
49152
65536
1.00
–1.00
0.75
0.50
0.25
–0.25
–0.75
0
–0.50
POSITIVE INL: +0.25 LSB
NEGATIVE INL: –0.22 LSB
Figure 13. Differential Nonlinearity vs. Code, VREF = 2.5 V
180k
0
0
0
0
0
0
22
CODE IN HEX
8003 8004 8005 8006 8007 8008 8009 800A 800B 800C 800D 800E 800F
1291
852
29
2
160k
140k
120k
100k
80k
60k
40k
20k
52720
162595
42731
Figure 14. Histogram of a DC Input at the Code Center, VREF = 5 V
60k
0
0
0
0
0
94
30
1
CODE IN HEX
50k
30k
10k
40k
20k
7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 8005 8006
2290
18848
50970
45198
12424
1217
Figure 15. Histogram of a DC Input at the Code Transition, VREF = 2.5 V
100
80
85
90
95
REFERENCE VOLTAGE (V)
16
12
13
14
15
SNR
SINAD
ENOB
2.25
2.75
3.25
3.75
4.25
4.75
5.25
Figure 16. SNR, SINAD, and ENOB vs. Reference Voltage
60k
0
0
0
0
0
590
11
19
CODE IN HEX
50k
30k
10k
40k
20k
7FFA 7FFB 7FFC 7FFD 7FFE 7FFF 8000 8001 8002 8003 8004 8005 8006
7285
37417
53412
31540
5807
512
Figure 17. Histogram of a DC Input at the Code Center, VREF = 2.5 V


Similar Part No. - ADA4841-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4841-1 AD-ADA4841-1 Datasheet
588Kb / 20P
   Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier
REV. C
ADA4841-1 AD-ADA4841-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
ADA4841-1 AD-ADA4841-1 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
ADA4841-1 AD-ADA4841-1 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
ADA4841-1 AD-ADA4841-1 Datasheet
667Kb / 20P
   Low Power, Low Noise and Distortion Rail-to-Rail Output Amplifiers
More results

Similar Description - ADA4841-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7988-1 AD-AD7988-1_17 Datasheet
577Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7980-EP AD-AD7980-EP Datasheet
292Kb / 12P
   16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com