Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

052-8509-004 Datasheet(PDF) 5 Page - ITT Industries

Part # 052-8509-004
Description  Cannon APD Series ISO 15170 Connectors
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

052-8509-004 Datasheet(HTML) 5 Page - ITT Industries

  052-8509-004 Datasheet HTML 1Page - ITT Industries 052-8509-004 Datasheet HTML 2Page - ITT Industries 052-8509-004 Datasheet HTML 3Page - ITT Industries 052-8509-004 Datasheet HTML 4Page - ITT Industries 052-8509-004 Datasheet HTML 5Page - ITT Industries 052-8509-004 Datasheet HTML 6Page - ITT Industries 052-8509-004 Datasheet HTML 7Page - ITT Industries 052-8509-004 Datasheet HTML 8Page - ITT Industries 052-8509-004 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
5
www.ittcannon.com
CannonAPD / ISO 15170 Connectors
Table of Contents
APD 1-2-way . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7-24
APD 4-7-way . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25-41
APD Sensor Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42-43
APD 19-way
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .44-54
APD 37 & 51-way . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55-72
APD PCB Versions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Conversion Charts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .74
Part Number Index . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75-76
APD is a versatile range of full plastic direct, in-line and bulkhead connectors. The products were origi-
nally designed for the transportation, off-road and special vehicle markets meeting all typical demands
of applications in this field. In the meantime APD is also the connector of choice in other areas as e.g.
military or industrial applications that require harsh environment solutions while needing a product that
is both, small in size and light in weight.
The APD series covers a wide range of 1 and 2-way power solutions up to 51-way interface connectors,
special sensor or PCB type versions and a flexible platform for your customized solutions.
Based on the original DIN72585 standard – now replaced by ISO 15170 – this connector is an ideal solu-
tion whenever harsh environment requirements like resistance to engine, transmission or brake fluids,
high sealing grades up to IP69K or vibration requirements have to be met. Please be aware that all
mentioned connectors are not designed to be disconnected under load.


Similar Part No. - 052-8509-004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
052-101 GLENAIR-052-101 Datasheet
645Kb / 10P
   7-Port Unmanaged Ethernet Switch
logo
Dialight Corporation
052-3191-003 DIALIGHT-052-3191-003 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
052-3192-003 DIALIGHT-052-3192-003 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
052-3193-003 DIALIGHT-052-3193-003 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
052-3195-003 DIALIGHT-052-3195-003 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
More results

Similar Description - 052-8509-004

ManufacturerPart #DatasheetDescription
logo
ITT Industries
121583-0000 ITT-121583-0000 Datasheet
140Kb / 4P
   Cannon APD / DIN 72585 Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
1504728 ITT-1504728 Datasheet
571Kb / 2P
   APD Transportation Connectors
logo
Glenair, Inc.
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
ITT Industries
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com