Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX252AKF Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX252AKF
Description  Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX252AKF Datasheet(HTML) 2 Page - Sony Corporation

  ICX252AKF Datasheet HTML 1Page - Sony Corporation ICX252AKF Datasheet HTML 2Page - Sony Corporation ICX252AKF Datasheet HTML 3Page - Sony Corporation ICX252AKF Datasheet HTML 4Page - Sony Corporation ICX252AKF Datasheet HTML 5Page - Sony Corporation ICX252AKF Datasheet HTML 6Page - Sony Corporation ICX252AKF Datasheet HTML 7Page - Sony Corporation ICX252AKF Datasheet HTML 8Page - Sony Corporation ICX252AKF Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
– 2 –
ICX252AKF
Cy
Mg
Cy
Mg
Cy
Mg
Ye
G
Ye
G
Ye
G
Cy
Mg
Cy
Mg
Cy
Mg
Ye
G
Ye
G
Ye
G
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
17
18
19
20
Note)
: Photo sensor
Note)
Horizontal register
Block Diagram and Pin Configuration
(Top View)
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
V
φ4
V
φ3A
V
φ3B
V
φ2
V
φ1A
V
φ1B
TEST
TEST
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Test pin∗1
Test pin∗1
GND
Signal output
11
12
13
14
15
16
17
18
19
20
VDD
φRG
H
φ2
H
φ1
GND
φSUB
CSUB
VL
H
φ1
H
φ2
Supply voltage
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
GND
Substrate clock
Substrate bias∗2
Protective transistor bias
Horizontal register transfer clock
Horizontal register transfer clock
Pin Description
1 Leave this pin open.
2 DC bias is generated within the CCD, so that this pin should be grounded externally through a capacitance
of 0.1µF.


Similar Part No. - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX252AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX406AQF SONY-ICX406AQF Datasheet
349Kb / 33P
   Diagonal 8.98mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com